| Zakładka z wyszukiwarką danych komponentów |
|
FT231XS-R Arkusz danych(PDF) 12 Page - Future Technology Devices International Ltd. |
|
|
|||||||||||||||||||||||||||||
FT231XS-R Arkusz danych(HTML) 12 Page - Future Technology Devices International Ltd. |
|
12 / 44 page ![]() Copyright © 2013 Future Technology Devices International Limited 12 FT231X USB TO FULL HANDSHAKE UART IC Datasheet Version 1.2 Document No.: FT_000565 Clearance No.: FTDI# 261 CBUS Signal Option Available On CBUS Pin Description Time Stamp CBUS0, CBUS1, CBUS2, CBUS3 Toggle signal which changes state each time a USB SOF is received Keep_Awake# CBUS0, CBUS1, CBUS2, CBUS3 Prevents the device from entering suspend state when unplugged. Table 3.7 CBUS Configuration Control *When in USB suspend mode the outputs clocks are also suspended. |