| Zakładka z wyszukiwarką danych komponentów |
|
FT313HP Arkusz danych(PDF) 39 Page - Future Technology Devices International Ltd. |
|
|
|||||||||||||||||||||||||||||
FT313HP Arkusz danych(HTML) 39 Page - Future Technology Devices International Ltd. |
|
39 / 67 page ![]() Copyright © 2013 Future Technology Devices International Limited 39 Document No.: FT_000589 FT313H USB2.0 HS Host Controller Datasheet Version 1.2 Clearance No.: FTDI# 318 Bit Name Type Default value Description in the USB2.0 specification from the memory to FIFO. Then, send the packet to the transceiver. 1 TST_KSTA R/W 1’b0 TEST_K Upon writing a ‘1,’ the D+/D- are set to the high-speed K state. 0 TST_JSTA R/W 1’b0 TEST_J Upon writing a ‘1,’ the D+/D- are set to the high-speed J state. Table 5-26 Test mode register 5.5.2 TESTPMSET1 register (address = 70h) This parameter setting register is only used by test packet mode. Bit Name Type Default value Description [31:25] Reserved RO 7’b0 - [24: 8] DMA_LEN R/W 11’h000 DMA Length The total bytes of the DMA controller will move. The maximum length is 1024 – 1 Bytes. [7: 2] Reserved RO 6’b0 - 1 DMA_TYPE R/W 1’b0 DMA Type The transfer type of data moving 0: FIFO to Memory 1: Memory to FIFO 0 DMA_START R/W 1’b0 DMA Start This bit informs the DMA controller to initiate the DMA transfer. Table 5-27 Test mode parameter setting 1 register 5.5.3 TESTPMSET2 register (address = 74h) This parameter setting register is only used by test packet mode. Bit Name Type Default value Description [31:0] DMA_MADDR R/W 32’b0 DMA Memory Address The starting address of memory to request the DMA transfer. Table 5-28 Test parameter setting 2 register |
|
Link URL |
| Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Link do karty katalogowej | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |