| Zakładka z wyszukiwarką danych komponentów |
|
TTL-232RG-VIP-WE Arkusz danych(PDF) 6 Page - Future Technology Devices International Ltd. |
|
|
|||||||||||||||||||||||||||||
TTL-232RG-VIP-WE Arkusz danych(HTML) 6 Page - Future Technology Devices International Ltd. |
|
6 / 18 page ![]() Copyright © Future Technology Devices International Limited 5 Document Reference No.: FT_000188 TTL TO USB SERIAL CONVERTER GENERIC CABLES Datasheet Version 1.4 Clearance No.: FTDI# 129 2 Typical Applications USB to Serial TTL Level Converter Upgrading Legacy Peripherals to USB Interface Microcontroller UART or I/O to USB Interface FPGA / PLD to USB Interface to FTDI VDRIVE2 or VMUSIC2 modules. Interface USB to none-standard (application dependant) logic levels. Replace MAX232 type level shifters allowing for direct connection of products to PC via USB USB Instrumentation PC interface USB Industrial Control USB Software / Hardware Encryption Dongles 2.1 Driver Support Royalty free VIRTUAL COM PORT (VCP) DRIVERS for... Windows 10 32,64-bit Windows 8/8.1 32,64-bit Windows 7 32,64-bit Windows Vista and Vista 64-bit Windows XP and XP 64-bit Windows 98, 98SE, ME, 2000, Server 2003, XP, Server 2008 and server 2012 R2 Windows XP Embedded Windows CE 4.2, 5.0 and 6.0 Mac OS 8/9, OS-X Linux 2.4 and greater Royalty free D2XX Direct Drivers (USB Drivers + DLL S/W Interface) Windows 10 32,64-bit Windows 8/8.1 32,64-bit Windows 7 32,64-bit Windows Vista and Vista 64-bit Windows XP and XP 64-bit Windows 98, 98SE, ME, 2000, Server 2003, XP, Server 2008 and server 2012 R2 Windows XP Embedded Windows CE 4.2, 5.0 and 6.0 Linux 2.4 and greater Android (J2xx) The drivers listed above are all available to download for free from http://www.ftdichip.com. Various 3rd Party Drivers are also available for various other operating systems - see http://www.ftdichip.com for details. |