| Zakładka z wyszukiwarką danych komponentów |
|
MLX90367 Arkusz danych(PDF) 21 Page - Melexis Microelectronic Systems |
|
|
|||||||||||||||||||||||||||||
MLX90367 Arkusz danych(HTML) 21 Page - Melexis Microelectronic Systems |
|
21 / 36 page ![]() MLX90367 Triaxis ® ® ® ® Position Sensor IC feat. SENT MLX90367 Page 21 of 36 Datasheet Rev 5.2 Dec. 15, 15 15. Description of End-User Programmable Items 15.1. Output Transfer Characteristic To define the transfer function (LNR): Parameter Value Unit CLOCKWISE 0 CounterClockWise 1 ClockWise LSB DP 0 … 359.9999 deg LNR_A_X LNR_B_X LNR_C_X 0 … 359.9999 deg LNR_A_Y LNR_B_Y LNR_C_Y 0 … 100 % LNR_S0 LNR_A_S LNR_B_S LNR_C_S -17… 0 … 17 %/deg CLAMP_LOW 0 … 100 % CLAMP_HIGH 0 … 100 % 15.1.1. CLOCKWISE Parameter The CLOCKWISE parameter defines the magnet rotation direction. • CCW is the defined by the 1-4-5-8 pin order direction for the SOIC8 package and 1-8-9-16 pin order direction for the TSSOP16 package. • CW is defined by the reverse direction: 8-5-4-1 pin order direction for the SOIC8 and 16-9-8-1 pin order direction for the TSSOP16 package. Refer to the drawing in the sensitive spot positioning sections (Section 20.3) |