Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AL1402 Arkusz danych(PDF) 2 Page - List of Unclassifed Manufacturers

Numer części AL1402
Szczegółowy opis  OPTOREC CONVERTER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC - List of Unclassifed Manufacturers

AL1402 Arkusz danych(HTML) 2 Page - List of Unclassifed Manufacturers

  AL1402 Datasheet HTML 1Page - List of Unclassifed Manufacturers AL1402 Datasheet HTML 2Page - List of Unclassifed Manufacturers AL1402 Datasheet HTML 3Page - List of Unclassifed Manufacturers AL1402 Datasheet HTML 4Page - List of Unclassifed Manufacturers AL1402 Datasheet HTML 5Page - List of Unclassifed Manufacturers AL1402 Datasheet HTML 6Page - List of Unclassifed Manufacturers AL1402 Datasheet HTML 7Page - List of Unclassifed Manufacturers AL1402 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Alesis Semiconductor
DS1402-0702
12555 Jefferson Blvd., Suite 285
Los Angeles, CA 90066
Phone (310) 301-0780
Fax (310) 306-1551
www.alesis-semi.com
-2-
Table 1
Electrical Characteristics and Operating Conditions
Symbol
Description
Min
Typ
Max
Units
Recommended Operating Conditions
VDD
Supply Voltage
4.5
5.0
5.5
V
IDD Master
Supply Current, Master
-
7.7
-
mA
IDD Slave
Supply Current, Slave
-
5.4
-
mA
GND
Ground
-
0.0
-
V
Fs
Sample rate
30
48
55
kHz
Temp
Temperature
0
25
70
°C
Inputs (WDCLK, FMT, OPDIGIN, MODE, LINMODE, MUTE, HOLDERR)
VIH
Logical “1” input voltage
0.75 VDD
--
VDD
VIL
Logical “0” input voltage
-
-
0.25 VDD
VDD
IIH
Logical “1” input current
-
-
1
uA
IIL
Logical “0” input current
-
-
1
uA
CIN
Logic Input Capacitance
-
5
-
pF
Outputs (WDCLK, DVCO, OPDIGTHRU, SVCO, BCLK, ERROR)
VOH
Logical “1” output voltage
0.9 VDD
--
VDD
VOL
Logical “0” output voltage
-
-
0.1 VDD
VDD
IOH
Logical “1” output current
-
-
-8
mA
IOL
Logical “0” output current
-
-
8
mA
Outputs (OUT, USER)
VOH
Logical “1” output voltage
0.9 VDD
--
VDD
VOL
Logical “0” output voltage
-
-
0.1 VDD
VDD
IOH
Logical “1” output current
-
-
-2
mA
IOL
Logical “0” output current
-
-
2
mA
Table 2
Pin Descriptions
Pin #
Name
Pin
Type
Description
1GND
Power
Ground pin
2
MODE0
Input
Mode select
3
FMT0
Input
Format select
4
FMT1
Input
Format select
5
MODE1
Input
Mode select
6
OPDIGIN
Input
Input from optical receiver
7SVCO
Output
Derived clock from WDCLK in slave mode; derived from DVCO in Master mode
(nominal 12.288MHz, 256x Fs)
8
WDCLK
I/O
Input or output word clock, see Table 4, Modes (nominal 48KHz, Fs)
9
BCLK
Output
Bit clock (nominal 3.072MHz, 64 x Fs)
10
OUT 1/2
Output
Channels 1 and 2 data output
11
OUT 3/4
Output
Channels 3 and 4 data output
12
OUT 5/6
Output
Channels 5 and 6 data output
13
OUT 7/8
Output
Channels 7 and 8 data output
14
USER0
Output
USER0 data bit output. Used to receive timecode
15
USER1
Output
USER1 data bit output. Used to receive MIDI data.
16
USER2
Output
USER2 data bit output. Reserved.
17
USER3
Output
USER3 data bit output. Reserved.
18
DVCO
Output
Recovered clock from data stream(nominal 12.288MHz, 256 x Fs)
19
OPDIGTHRU
Output
OPDIGIN is regenerated and clocked out on this pin to allow daisy-chaining
20
HOLDERR
Input
If high, the ERROR pin stays high until the cause of the error is removed AND
the HOLDERR pin goes low.
21
ERROR
Output
Indicates lack of input or failure to synchronize to data stream, mutes data
outputs but not clock outputs
22
MUTE
Input
If high, mutes outputs
23
LINMODE
Input
Tie high
24
VDD
Power
+5V power pin



Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com