| Zakładka z wyszukiwarką danych komponentów |
|
LP2951CSD-3.0 Arkusz danych(PDF) 5 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
LP2951CSD-3.0 Arkusz danych(HTML) 5 Page - National Semiconductor (TI) |
|
5 / 26 page ![]() Absolute Maximum Ratings (Note 1) If Military/Aerospace specified devices are required, please contact the National Semiconductor Sales Office/ Distributors for availability and specifications. Input Supply Voltage −0.3 to +30V SHUTDOWN Input Voltage, Error Comparator Output Voltage, (Note 9) FEEDBACK Input Voltage −1.5 to +30V (Note 9) (Note 10) Power Dissipation Internally Limited Junction Temperature (T J) +150˚C Ambient Storage Temperature −65˚ to +150˚C Soldering Dwell Time, Temperature Wave Infrared Vapor Phase 4 seconds, 260˚C 10 seconds, 240˚C 75 seconds, 219˚C ESD Rating Human Body Model(Note 18) 2500V Operating Ratings (Note 1) Maximum Input Supply Voltage 30V Junction Temperature Range (T J) (Note 8) LP2951 −55˚ to +150˚C LP2950AC-XX, LP2950C-XX, LP2951AC-XX, LP2951C-XX −40˚ to +125˚C Electrical Characteristics (Note 2) Parameter Conditions (Note 2) LP2951 LP2950AC-XX LP2950C-XX Units LP2951AC-XX LP2951C-XX Tested Tested Design Tested Design Typ Limit Typ Limit Limit Typ Limit Limit (Notes 3, 16) (Note 3) (Note 4) (Note 3) (Note 4) 3V Versions (Note 17) Output Voltage T J = 25˚C 3.0 3.015 3.0 3.015 3.0 3.030 V max 2.985 2.985 2.970 V min −25˚C ≤ T J ≤ 85˚C 3.0 3.0 3.030 3.0 3.045 V max 2.970 2.955 V min Full Operating 3.0 3.036 3.0 3.036 3.0 3.060 V max Temperature Range 2.964 2.964 2.940 V min Output Voltage 100µA ≤ I L ≤ 100mA 3.0 3.045 3.0 3.042 3.0 3.072 V max T J ≤ T JMAX 2.955 2.958 2.928 V min 3.3V Versions (Note 17) Output Voltage T J = 25˚C 3.3 3.317 3.3 3.317 3.3 3.333 V max 3.284 3.284 3.267 V min −25˚C ≤ T J ≤ 85˚C 3.3 3.3 3.333 3.3 3.350 V max 3.267 3.251 V min Full Operating 3.3 3.340 3.3 3.340 3.3 3.366 V max Temperature Range 3.260 3.260 3.234 V min Output Voltage 100µA ≤ I L ≤ 100mA 3.3 3.350 3.3 3.346 3.3 3.379 V max T J ≤ T JMAX 3.251 3.254 3.221 V min 5V Versions (Note 17) Output Voltage T J = 25˚C 5.0 5.025 5.0 5.025 5.0 5.05 V max 4.975 4.975 4.95 V min −25˚C ≤ T J ≤ 85˚C 5.0 5.0 5.05 5.0 5.075 V max 4.95 4.925 V min Full Operating 5.0 5.06 5.0 5.06 5.0 5.1 V max www.national.com 5 |