| Zakładka z wyszukiwarką danych komponentów |
|
AT89C51CC03C-RDTIM Arkusz danych(PDF) 29 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
AT89C51CC03C-RDTIM Arkusz danych(HTML) 29 Page - ATMEL Corporation |
|
29 / 195 page ![]() 29 AT89C51CC03 4182I–CAN–06/05 Reset Value = X001 0100b Not bit addressable Table 8. AUXR1 Register AUXR1 (S:A2h) Auxiliary Control Register 1 Reset Value = XXXX 00X0b 4-2 XRS1-0 ERAM size: Accessible size of the ERAM XRS 2:0 ERAM size 000 256 Bytes 001 512 Bytes 010 768 Bytes 011 1024 Bytes 100 1792 Bytes 101 2048 Bytes (default configuration after reset) 110 Reserved 111 Reserved 1 EXTRAM Internal/External RAM (00h - FFh) access using MOVX @ Ri/@ DPTR 0 - Internal ERAM access using MOVX @ Ri/@ DPTR. 1 - External data memory access. 0A0 Disable/Enable ALE) 0 - ALE is emitted at a constant rate of 1/6 the oscillator frequency (or 1/3 if X2 mode is used) 1 - ALE is active only during a MOVX or MOVC instruction. 76 543 210 - - ENBOOT - GF3 0 - DPS Bit Number Bit Mnemonic Description 7-6 - Reserved The value read from these bits is indeterminate. Do not set these bits. 5ENBOOT Enable Boot Flash Set this bit for map the boot Flash between F800h -FFFFh Clear this bit for disable boot Flash. 4- Reserved The value read from this bit is indeterminate. Do not set this bit. 3GF3 General-purpose Flag 3 20 Always Zero This bit is stuck to logic 0 to allow INC AUXR1 instruction without affecting GF3 flag. 1- Reserved for Data Pointer Extension. 0DPS Data Pointer Select Bit Set to select second dual data pointer: DPTR1. Clear to select first dual data pointer: DPTR0. Bit Number Bit Mnemonic Description |