Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STM32F769I-DISCO Arkusz danych(PDF) 2 Page - STMicroelectronics

Numer części STM32F769I-DISCO
Szczegółowy opis  Discovery kit with STM32F769NI MCU
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F769I-DISCO Arkusz danych(HTML) 2 Page - STMicroelectronics

  STM32F769I-DISCO Datasheet HTML 1Page - STMicroelectronics STM32F769I-DISCO Datasheet HTML 2Page - STMicroelectronics STM32F769I-DISCO Datasheet HTML 3Page - STMicroelectronics STM32F769I-DISCO Datasheet HTML 4Page - STMicroelectronics STM32F769I-DISCO Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Description
32F769IDISCOVERY
2/5
DocID029089 Rev 2
1
Description
The STM32F7 discovery kit allows users to develop and share applications with the
STM32F7 Series microcontrollers based on the ARM® Cortex®-M7 core.
The discovery kit enables a wide diversity of applications taking benefit from audio,
multi- sensor support, graphics, security, video and high-speed connectivity features.
The Arduino™ connectivity support provides unlimited expansion capabilities with a large
choice of specialized add-on boards.
2
System requirements
Windows® OS (XP, 7, 8) or Linux 64-bit or OS X®
USB Type-A to Micro-B cable
3
Development toolchains
Keil®: MDK-ARM™(a)
IAR™: EWARM(a)
GCC-based IDEs (free AC6: SW4STM32, Atollic® TrueSTUDIO®(a), ...)
4
Demonstration software
The demonstration software is preloaded in the STM32F769NIH6 MCU Flash memory. The
latest versions of the demonstration source code and associated documentation can be
downloaded from the www.st.com/stm32f7-discovery webpage.
a. On Windows only.



Html Pages

1 2 3 4 5