| Zakładka z wyszukiwarką danych komponentów |
|
STM32F334 Arkusz danych(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F334 Arkusz danych(HTML) 2 Page - STMicroelectronics |
|
2 / 4 page ![]() System requirements STM32F334 discovery kit 2/4 DocID026439 Rev 3 System requirements • Windows OS (XP, 7, 8) • USB standard Type-A to Mini-B cable Development toolchains • IAR EWARM (IAR Embedded Workbench®) • Keil® MDK-ARM™ • GCC-based IDEs (free AC6: SW4STM32, Atollic® TrueSTUDIO®,...) • ARM® mbed™ online Demonstration software The demonstration software is preloaded in the STM32F334 Flash memory. It uses the USER pushbutton to switch the operation of the high brightness dimming LED and the 4 standards LEDs into different modes from simple blinking mode to automatic or manual dimmer and Flash mode. The latest versions of the demonstration source code and associated documentation can be downloaded from www.st.com/stm32f3-discovery. Ordering information To order the Discovery kit for STM32F334 line microcontrollers, use the order code: STM32F3348-DISCO |