Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

S2-LP Arkusz danych(PDF) 60 Page - STMicroelectronics

Numer części S2-LP
Szczegółowy opis  Excellent receiver selectivity and blocking
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

S2-LP Arkusz danych(HTML) 60 Page - STMicroelectronics

Back Button S2-LP Datasheet HTML 56Page - STMicroelectronics S2-LP Datasheet HTML 57Page - STMicroelectronics S2-LP Datasheet HTML 58Page - STMicroelectronics S2-LP Datasheet HTML 59Page - STMicroelectronics S2-LP Datasheet HTML 60Page - STMicroelectronics S2-LP Datasheet HTML 61Page - STMicroelectronics S2-LP Datasheet HTML 62Page - STMicroelectronics S2-LP Datasheet HTML 63Page - STMicroelectronics S2-LP Datasheet HTML 64Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 90 page
background image
Packet handler engine
S2-LP
60/90
DocID029944 Rev 1
In the case of 802.15.4g packet format, on the receiver side, the use of whitening is
signaled for each packet by one specific bit of the received PHR hence the WHIT_EN value
is only used on the transmitter side. According to the standard, if enabled, whitening is
applied to all fields following the PHR field, and is performed according to the following
block diagram:
Figure 11: data whitening scheme 802.15.4g



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90