Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

NFS110-7902PJ Arkusz danych(PDF) 5 Page - Artesyn Technologies

Numer części NFS110-7902PJ
Szczegółowy opis  Single and quad output
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ARTESYN [Artesyn Technologies]
Strona internetowa  
Logo ARTESYN - Artesyn Technologies

NFS110-7902PJ Arkusz danych(HTML) 5 Page - Artesyn Technologies

  NFS110-7902PJ Datasheet HTML 1Page - Artesyn Technologies NFS110-7902PJ Datasheet HTML 2Page - Artesyn Technologies NFS110-7902PJ Datasheet HTML 3Page - Artesyn Technologies NFS110-7902PJ Datasheet HTML 4Page - Artesyn Technologies NFS110-7902PJ Datasheet HTML 5Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
NFS110 Medical Series Data Sheet
WORLDWIDE OFFICES
americas
2900 S.Diablo Way
Tempe, AZ 85282
USA
+1 888 412 7832
europe (uK)
Waterfront Business Park
Merry Hill, Dudley
West Midlands, DY5 1LX
United Kingdom
+44 (0) 1384 842 211
asia (HK)
14/F, Lu Plaza
2 Wing Yip Street
Kwun Tong, Kowloon
Hong Kong
+852 2176 3333
For more information: www.artesyn.com/power
For support: productsupport.ep@artesyn.com
While every precaution has been taken to ensure accuracy and completeness in this literature, Artesyn
Embedded Technologies assumes no responsibility, and disclaims all liability for damages resulting from use of
this information or for any errors or omissions. Artesyn Embedded Technologies, Artesyn and the Artesyn
Embedded Technologies logo are trademarks and service marks of Artesyn Embedded Technologies, Inc. All other
names and logos referred to are trade names, trademarks, or registered trademarks of their respective owners.
© 2014 Artesyn Embedded Technologies, Inc.
www.artesyn.com
NFS110 Medical Series-DS 12.19.14
Pin Connections
J1
-7901PJ
-7902PJ
SINGLES
Pin 1
AC Ground
AC Ground
AC Ground
Pin 2
AC Neutral
AC Neutral
AC Neutral
Pin 3
AC Line
AC Line
AC Line
J2
Pin 1
+5.1 V
+5.1 V
V
out
Pin 2
+5.1 V
+5.1 V
V
out
Pin 3
+5.1 V
+5.1 V
V
out
Pin 4
Return
Return
Return
Pin 5
Return
Return
Return
Pin 6
Return
Return
Return
Pin 7
Return
Return
Return
Pin 8
+12 V
+12 V
V
out
Pin 9
+12 V
+12 V
V
out
Pin 10
PFD
PFD
N/C
Pin 11
-12 V
-12 V
N/C
Pin 12
Removed for Key
Pin 13
-5 V
+24 V
N/C
N/C = no connection.



Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com