Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

UTOUTC0441 Arkusz danych(PDF) 4 Page - Teledyne Technologies Incorporated

Numer części UTOUTC0441
Szczegółowy opis  Thin-Film Cascadable Amplifier 20 to 400 MHz
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TELEDYNE [Teledyne Technologies Incorporated]
Strona internetowa  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

UTOUTC0441 Arkusz danych(HTML) 4 Page - Teledyne Technologies Incorporated

  UTOUTC0441 Datasheet HTML 1Page - Teledyne Technologies Incorporated UTOUTC0441 Datasheet HTML 2Page - Teledyne Technologies Incorporated UTOUTC0441 Datasheet HTML 3Page - Teledyne Technologies Incorporated UTOUTC0441 Datasheet HTML 4Page - Teledyne Technologies Incorporated UTOUTC0441 Datasheet HTML 5Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
Product Options
UTO – 509R
Screening Option
Blank = No Screening
R = R-Series Screening
For more information on R-Series screening,
see Reliability Screening, Pub. 5963-3240E.
Model Number Prefix
UTO-
UTM-
PPA-
Model Number
UTC – 509-1
Connector Option
For TC-1 case the only connector option
available is the -1. The -1 option consists
of a SMA Female connector on both the
input and output (see note).
Model Number Prefix
UTC-
Model Number
Note: R-Series screening is not available in the TC-1 case as the case is non-hermetic.
Case Drawings
TO-8T
.031
.031
.50
DIA
.450
DIA MAX
.200
.017
0.185
±0.015
+.002
- 001
.150
TYP
.300
TYP
GROUND
CASE
GROUND
V
.150
TYP
3
4
2
1
45
APPROXIMATE WEIGHT 2.1 GRAMS
+
RF
IN
RFOUT
GLASS RING
.060 DIA TYP
(3X)
NOTES (UNLESS OTHERWISE SPECIFIED):
1. DIMENSIONS ARE SPECIFIED IN INCHES
2. TOLERANCES:
xx
± .02
xxx
± .010



Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com