Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LP2985AIBP-2.8 Arkusz danych(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Numer części LP2985AIBP-2.8
Szczegółowy opis  Micropower 150 mA Low-Noise Ultra Low-Dropout Regulator Designed for Use with Very Low ESR Output Capacitors
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NSC [National Semiconductor (TI)]
Strona internetowa  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP2985AIBP-2.8 Arkusz danych(HTML) 8 Page - National Semiconductor (TI)

Back Button LP2985AIBP-2.8 Datasheet HTML 4Page - National Semiconductor (TI) LP2985AIBP-2.8 Datasheet HTML 5Page - National Semiconductor (TI) LP2985AIBP-2.8 Datasheet HTML 6Page - National Semiconductor (TI) LP2985AIBP-2.8 Datasheet HTML 7Page - National Semiconductor (TI) LP2985AIBP-2.8 Datasheet HTML 8Page - National Semiconductor (TI) LP2985AIBP-2.8 Datasheet HTML 9Page - National Semiconductor (TI) LP2985AIBP-2.8 Datasheet HTML 10Page - National Semiconductor (TI) LP2985AIBP-2.8 Datasheet HTML 11Page - National Semiconductor (TI) LP2985AIBP-2.8 Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
Electrical Characteristics (Note 10) (Continued)
Limits in standard typeface are for T
J = 25˚C. and limits in boldface type apply over the full operating temperature range. Un-
less otherwise specified: V
IN =VO(NOM) + 1V, IL = 1 mA, CIN = 1 µF, COUT = 4.7 µF, VON/OFF = 2V.
Symbol
Parameter
Conditions
Typ
LP2985AI-X.X
LP2985I-X.X
Units
(Note 6)
(Note 6)
Min
Max
Min
Max
e
n
Output Noise
BW = 300 Hz to 50 kHz,
Voltage (RMS)
C
OUT =10µF
30
µV
C
BYPASS =10nF
Ripple Rejection
f = 1 kHz, C
BYPASS =10nF
45
dB
C
OUT =10µF
I
O(SC)
Short Circuit Current
R
L = 0 (Steady State)
400
mA
(Note 9)
I
O(PK)
Peak Output Current
V
OUT
≥ V
o(NOM) −5%
350
mA
Note 1: “Absolute Maximum Ratings” indicate limits beyond which damage to the component may occur. Electrical specifications do not apply when operating the
device outside of its rated operating conditions.
Note 2: The ESD rating of pins 3 and 4 for the SOT-23 package, or pins 5 and 2 for the micro SMD package, is 1 kV.
Note 3: The maximum allowable power dissipation is a function of the maximum junction temperature, TJ(MAX), the junction-to-ambient thermal resistance, θJ-A,
and the ambient temperature, TA. The maximum allowable power dissipation at any ambient temperture is calculated using:
Where the value of
θJ-A for the SOT-23 package is 220˚C/W in a typical PC board mounting and the micro SMD package is 225˚C/W. Exceeding the maximum
allowable dissipation will cause excessive die temperature, and the regulator will go into thermal shutdown.
Note 4: For 12V option, output voltage survival: -0.3 to +16V. If used in a dual-supply system where the regulator load is returned to a negative supply, the LP2985
output must be diode-clamped to ground.
Note 5: The output PNP structure contains a diode between the VIN to VOUT terminals that is normally reverse-biased. Reversing the polarity from VIN to VOUT will
turn on this diode.
Note 6: Limits are 100% production tested at 25˚C. Limits over the operating temperature range are guaranteed through correlation using Statistical Quality Control
(SQC) methods. The limits are used to calculate National’s Average Outgoing Quality Level (AOQL).
Note 7: Dropout voltage is defined as the input to output differential at which the output voltage drops 100 mV below the value measured with a 1V differential.
Note 8: The ON/OFF input must be properly driven to prevent possible misoperation. For details, refer to Application Hints.
Note 9: The LP2985 has foldback current limiting which allows a high peak current when VOUT > 0.5V, and then reduces the maximum output current as VOUT is
forced to ground (see Typical Performance Characteristics curves).
Note 10: Exposing the micro SMD device to direct sunlight will cause misoperation. See Application Hints for additional information.
Note 11: For 12V option, add 50 µA to all ON state quiescent current values.
www.national.com
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21