| Zakładka z wyszukiwarką danych komponentów |
|
IRKU/V71 Arkusz danych(PDF) 4 Page - International Rectifier |
|
|
|||||||||||||||||||||||||||||
IRKU/V71 Arkusz danych(HTML) 4 Page - International Rectifier |
|
4 / 9 page ![]() IRKU/V71, 91 Series 4 Bulletin I27135 rev. F 10/02 www.irf.com K1 G1 (4) (5) + K2 G2 - - (1) (2) (3) (7) (6) + K2 G2 - K1 G1 + (1) (2) (4) (5) (7) (6) (3) Outline Table Dimensions are in millimeters and [inches] IRKU IRKV NOTE: To order the Optional Hardware see Bulletin I27900 IRK U 91 / 16 A S90 Device Code 1 2 3 4 5 1 - Module type 2 - Circuit configuration (See Circuit Configuration table) 3 - Current code * * 4 - Voltage code (See Voltage Ratings table) 5 - A : Gen V 6 - dv/dt code: S90 = dv/dt 1000 V/µs No letter = dv/dt 500 Vµs Ordering Information Table 6 * * Available with no auxiliary cathode. To specify change: 91 to 92 71 to 72 e.g. : IRKU92/16A etc. IRK.92 types With no auxiliary cathode |