Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DSL03-010SC6 Arkusz danych(PDF) 4 Page - STMicroelectronics

Numer części DSL03-010SC6
Szczegółowy opis  Low capacitance TVS for high speed lines such as xDSL
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

DSL03-010SC6 Arkusz danych(HTML) 4 Page - STMicroelectronics

  DSL03-010SC6 Datasheet HTML 1Page - STMicroelectronics DSL03-010SC6 Datasheet HTML 2Page - STMicroelectronics DSL03-010SC6 Datasheet HTML 3Page - STMicroelectronics DSL03-010SC6 Datasheet HTML 4Page - STMicroelectronics DSL03-010SC6 Datasheet HTML 5Page - STMicroelectronics DSL03-010SC6 Datasheet HTML 6Page - STMicroelectronics DSL03-010SC6 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Package information
DSL03
4/7
DocID022325 Rev 2
2
Package information
•
Epoxy meets UL94, V0
•
Lead-free package
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
Figure 7. SOT23-6L dimension definitions
Table 3. SOT23-6L dimension values
Ref.
Dimensions
Millimeters
Inches
Min.
Max.
Min.
Max.
A
0.90
1.45
0.035
0.057
A1
0
0.10
0
0.004
A2
0.90
1.30
0.035
0.051
b
0.35
0.50
0.014
0.020
c
0.09
0.20
0.004
0.008
D
2.80
3.05
0.11
0.118
E
1.50
1.75
0.059
0.069
e
0.95
0.037
H
2.60
3.00
0.102
0.118
L
0.10
0.60
0.004
0.024
θ
0°
10°
0°
10°
A2
A
L
H
c
b
E
D
e
e
A1
q



Html Pages

1 2 3 4 5 6 7