| Zakładka z wyszukiwarką danych komponentów |
|
MSTFME Arkusz danych(PDF) 5 Page - Pulse A Technitrol Company |
|
|
|||||||||||||||||||||||||||||
MSTFME Arkusz danych(HTML) 5 Page - Pulse A Technitrol Company |
|
5 / 11 page ![]() www.larsen-antennas.com NOTE: Antennas are not to scale 66 UHF 406-512 MHz To convert to Gain (dBd): Gain (dBi) - 2.14 NMO-mounted radome enclosed transit style antenna. 20” diameter ground plane required. Also available in white. (minimum order quantities apply). MODEL FREQUENCY (MHz) LPT450NMO 450 - 470 SPECIFICATIONS GAIN 2.14 dBi TYPE Low profile VSWR (see bandwidth) 2:1 BANDWIDTH @ 1.5 3% BANDWIDTH @ 2.0 5% POWER RATING 100 Watts COLOR Black or White COAX Order separately MAX HEIGHT 4 1/2” MODEL FREQUENCY (MHz) MSTFME 144 - 965 SPECIFICATIONS GAIN 2.14 dBi TYPE 1/4 wave VSWR (see bandwidth) 1.5:1 BANDWIDTH @ 1.5 5% BANDWIDTH @ 2.0 10% POWER RATING 50 Watts COLOR Black CONNECTOR FME CRIMP WHIP .070 COAX 12’ RG174 MAX HEIGHT 21” Complete 1/4 wave mini magnetic antenna, field tunable, 144 - 965 MHz. Available in white with minimum order quantities. Please contact the factory for more information. |
|
|
Link URL |
| Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Link do karty katalogowej | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |