Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADC0809 Arkusz danych(PDF) 4 Page - Texas Instruments

Numer części ADC0809
Szczegółowy opis  8-Bit Compatible A/D Converters with 8-Channel Multiplexer
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

ADC0809 Arkusz danych(HTML) 4 Page - Texas Instruments

  ADC0809 Datasheet HTML 1Page - Texas Instruments ADC0809 Datasheet HTML 2Page - Texas Instruments ADC0809 Datasheet HTML 3Page - Texas Instruments ADC0809 Datasheet HTML 4Page - Texas Instruments ADC0809 Datasheet HTML 5Page - Texas Instruments ADC0809 Datasheet HTML 6Page - Texas Instruments ADC0809 Datasheet HTML 7Page - Texas Instruments ADC0809 Datasheet HTML 8Page - Texas Instruments ADC0809 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
ADC0808-N, ADC0809-N
SNAS535H – OCTOBER 1999 – REVISED MARCH 2013
www.ti.com
Electrical Characteristics – Timing Specifications (continued)
Timing Specifications VCC=VREF(+)=5V, VREF(−)=GND, tr=tf=20 ns and TA=25°C unless otherwise noted.
Symbol
Parameter
Conditions
MIn
Typ
Max
Units
tWS
Minimum Start Pulse Width
(Figure 7)
100
200
ns
tWALE
Minimum ALE Pulse Width
(Figure 7)
100
200
ns
ts
Minimum Address Set-Up Time
(Figure 7)
25
50
ns
tH
Minimum Address Hold Time
(Figure 7)
25
50
ns
tD
Analog MUX Delay Time From ALE
RS=0Ω (Figure 7)
1
2.5
μs
tH1, tH0
OE Control to Q Logic State
CL=50 pF, RL=10k (Figure 10)
125
250
ns
t1H, t0H
OE Control to Hi-Z
CL=10 pF, RL=10k (Figure 10)
125
250
ns
tc
Conversion Time
fc=640 kHz, (Figure 7)
(1)
90
100
116
μs
fc
Clock Frequency
10
640
1280
kHz
Clock
tEOC
EOC Delay Time
(Figure 7)
0
8 + 2
μS
Periods
CIN
Input Capacitance
At Control Inputs
10
15
pF
COUT
TRI-STATE Output Capacitance
At TRI-STATE Outputs
10
15
pF
(1)
The outputs of the data register are updated one clock cycle before the rising edge of EOC.
4
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: ADC0808-N ADC0809-N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com