Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

NSAM266SAA/V Arkusz danych(PDF) 28 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Numer części NSAM266SAA/V
Szczegółowy opis  NSAM266SA CompactSPEECHTM Digital Speech Processor with Serial Flash Interface
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NSC [National Semiconductor (TI)]
Strona internetowa  http://www.national.com
Logo NSC - National Semiconductor (TI)

NSAM266SAA/V Arkusz danych(HTML) 28 Page - National Semiconductor (TI)

Back Button NSAM266SAA/V Datasheet HTML 24Page - National Semiconductor (TI) NSAM266SAA/V Datasheet HTML 25Page - National Semiconductor (TI) NSAM266SAA/V Datasheet HTML 26Page - National Semiconductor (TI) NSAM266SAA/V Datasheet HTML 27Page - National Semiconductor (TI) NSAM266SAA/V Datasheet HTML 28Page - National Semiconductor (TI) NSAM266SAA/V Datasheet HTML 29Page - National Semiconductor (TI) NSAM266SAA/V Datasheet HTML 30Page - National Semiconductor (TI) NSAM266SAA/V Datasheet HTML 31Page - National Semiconductor (TI) NSAM266SAA/V Datasheet HTML 32Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 52 page
background image
20 Software (Continued)
Example 2 The number 0 can be an-
nounced as
no as in you have
no messages or as oh as in
monday eight oh five am
A separate number table is re-
quired for each particular type
of use The number table con-
tains the indices of the words
in the vocabulary that are
used to synthesize the num-
ber Up to nine number tables
can be included in a vocabu-
lary
The sentence
The sentence table describes the prede-
table
fined sentences in the vocabulary The
purpose of this table is to make the micro-
controller
that
drives
the
Compact-
SPEECH independent of the language be-
ing synthesized
For example if the serial flash andor
ROM contain vocabularies in various lan-
guages and the first sentence in each vo-
cabulary means
you have n messages
the microcontroller switches languages by
issuing the following command to Com-
pactSPEECH
SV k
storage
media l kvocabulary
id l
Select a new vocabulary
The microcontroller software is thus inde-
pendent of the grammar of the language
in use
The sentences consist of words which
are represented by their indices in the vo-
cabulary
Sentence 0
All sentences but one are user defined
The CompactSPEECH treats the first sen-
tence in the sentence table ie sentence
0 in a special way to support time
day
announcement It assumes that the sen-
tence is designed for system and message
time
day announcement and has one ar-
gument which is interpreted as follows
0 - System time will be announced
1 - The time
day of the current message
will be announced
Example 1
When the microcontroller sends the com-
mand
SAS O
0
The system time
day is announced
Example 2
When the microcontroller sends the com-
mand
SAS O
1
The current message time
day stamp is
announced
Figure 2-3 shows the interrelationship be-
tween the three types of tables
Control and
The list of word indices alone cannot pro-
option codes
vide the entire range of sentences that the
CompactSPEECH
can
synthesize
IVS
control and option codes are used as spe-
cial instructions that control the behavior of
the speech synthesis algorithm in the
CompactSPEECH
For example if the sentence should an-
nounce the time of day the Compact-
SPEECH should be able to substitute the
current day and time in the sentence
These control words do not represent re-
corded words
rather they instruct the
CompactSPEECH to take special actions
TLEE12584 – 37
FIGURE 2-3 Relationship of IVS Tables
http
www nationalcom
28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52