Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STM3240GPRIMER Arkusz danych(PDF) 2 Page - STMicroelectronics

Numer części STM3240GPRIMER
Szczegółowy opis  Raisonance STM32 and STM8 Primers for fun, easy evaluation and development with STM32 and STM8
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM3240GPRIMER Arkusz danych(HTML) 2 Page - STMicroelectronics

  STM3240GPRIMER Datasheet HTML 1Page - STMicroelectronics STM3240GPRIMER Datasheet HTML 2Page - STMicroelectronics STM3240GPRIMER Datasheet HTML 3Page - STMicroelectronics STM3240GPRIMER Datasheet HTML 4Page - STMicroelectronics STM3240GPRIMER Datasheet HTML 5Page - STMicroelectronics STM3240GPRIMER Datasheet HTML 6Page - STMicroelectronics STM3240GPRIMER Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Description
STM8L-PRIMER STM32-PRIMER STMPRIMER
2/7
DocID13942 Rev 10
1
Description
Raisonance’s Primers are a uniquely fun, easy, low-risk solution for exploring, evaluating
and developing applications for the STM32 and STM8 microcontrollers. They include
everything that users need to better understand the STM32/STM8’s peripheral
implementation and operation.
The EvoPrimer range is an enhancement of the original Primer1 and Primer2 devices. It
offers even more flexibility to evaluate a range of STM32 microcontrollers and STM8L
ultralow power line microcontrollers, using the same EvoPrimer base with interchangeable
target boards (to test different microcontrollers) or extension boards.
The EvoPrimer base has a removable transparent cover and USB cable which
includes features such as the debugging/programming interface and most of the
hardware features that you need to evaluate the capabilities of the target MCU. The
base can also be extended by using its add-on connector to add components and
circuitry.
The EvoPrimer target board(s) include the target MCU and may also include
additional hardware features for target MCU evaluation.
The Primers can be purchased as complete evaluation tools, which can then be modified by
purchasing an accessory, or they can be created from the interchangeable accessories:
The complete evaluation tools for the STM8L and STM32 microcontroller families
consist of an EvoPrimer base with the relevant EvoPrimer target board.
The EvoPrimer accessories permit the EvoPrimer base and EvoPrimer target boards
(and extension boards) to be ordered separately.
Figure 1.
EvoPrimer base
Figure 2.
EvoPrimer target boards



Html Pages

1 2 3 4 5 6 7