| Zakładka z wyszukiwarką danych komponentów |
|
STM32F411CEU6 Arkusz danych(PDF) 90 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F411CEU6 Arkusz danych(HTML) 90 Page - STMicroelectronics |
|
90 / 149 page ![]() Electrical characteristics STM32F411xC STM32F411xE 90/149 DocID026289 Rev 6 6.3.11 PLL spread spectrum clock generation (SSCG) characteristics The spread spectrum clock generation (SSCG) feature allows to reduce electromagnetic interferences (see Table 49: EMI characteristics for LQFP100). It is available only on the main PLL. Equation 1 The frequency modulation period (MODEPER) is given by the equation below: fPLL_IN and fMod must be expressed in Hz. As an example: If fPLL_IN = 1 MHz, and fMOD = 1 kHz, the modulation depth (MODEPER) is given by equation 1: Equation 2 Equation 2 allows to calculate the increment step (INCSTEP): fVCO_OUT must be expressed in MHz. With a modulation depth (md) = ±2 % (4 % peak to peak), and PLLN = 240 (in MHz): An amplitude quantization error may be generated because the linear modulation profile is obtained by taking the quantized values (rounded to the nearest integer) of MODPER and INCSTEP. As a result, the achieved modulation depth is quantized. The percentage quantized modulation depth is given by the following formula: As a result: Table 43. SSCG parameter constraints Symbol Parameter Min Typ Max(1) Unit fMod Modulation frequency - - 10 kHz md Peak modulation depth 0.25 - 2 % MODEPER * INCSTEP (Modulation period) * (Increment Step) - - 215-1 - 1. Guaranteed by design. MODEPER round fPLL_IN 4fMod × () ⁄ [] = MODEPER round 10 6 410 3 × () ⁄ [] 250 == INCSTEP round 2 15 1 – () md PLLN × × () 100 5 × MODEPER × () ⁄ [] = INCSTEP round 2 15 1 – () 2240 × × () 100 5 × 250 × () ⁄ [] 126md(quantitazed)% == mdquantized% MODEPER INCSTEP × 100 × 5 × () 2 15 1 – () PLLN × () ⁄ = mdquantized% 250 126 × 100 × 5 × () 2 15 1 – () 240 × () ⁄ 2.002%(peak) == |