Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STM32F411RET6 Arkusz danych(PDF) 59 Page - STMicroelectronics

Numer części STM32F411RET6
Szczegółowy opis  ARM® Cortex®-M4 32b MCUFPU, 125 DMIPS, 512KB Flash, 128KB RAM, USB OTG FS, 11 TIMs, 1 ADC, 13 comm. interfaces
PDF  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F411RET6 Arkusz danych(HTML) 59 Page - STMicroelectronics

Back Button STM32F411RET6 Datasheet HTML 55Page - STMicroelectronics STM32F411RET6 Datasheet HTML 56Page - STMicroelectronics STM32F411RET6 Datasheet HTML 57Page - STMicroelectronics STM32F411RET6 Datasheet HTML 58Page - STMicroelectronics STM32F411RET6 Datasheet HTML 59Page - STMicroelectronics STM32F411RET6 Datasheet HTML 60Page - STMicroelectronics STM32F411RET6 Datasheet HTML 61Page - STMicroelectronics STM32F411RET6 Datasheet HTML 62Page - STMicroelectronics STM32F411RET6 Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 149 page
background image
DocID026289 Rev 6
59/149
STM32F411xC STM32F411xE
Electrical characteristics
123
6.1.6
Power supply scheme
Figure 17. Power supply scheme
1. To connect PDR_ON pin, refer to Section 3.15: Power supply supervisor.
2. The 4.7 µF ceramic capacitor must be connected to one of the VDD pin.
3. VCAP_2 pad is only available on LQFP100 and UFBGA100 packages.
4. VDDA=VDD and VSSA=VSS.
Caution:
Each power supply pair (for example VDD/VSS, VDDA/VSSA) must be decoupled with filtering
ceramic capacitors as shown above. These capacitors must be placed as close as possible
to, or below, the appropriate pins on the underside of the PCB to ensure good operation of
the device. It is not recommended to remove filtering capacitors to reduce PCB size or cost.
This might cause incorrect operation of the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More