| Zakładka z wyszukiwarką danych komponentów |
|
OMAP3530ECBBA Arkusz danych(PDF) 47 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
OMAP3530ECBBA Arkusz danych(HTML) 47 Page - Texas Instruments |
|
47 / 265 page ![]() OMAP3530, OMAP3525 www.ti.com SPRS507H – FEBRUARY 2008 – REVISED OCTOBER 2013 Table 2-2. Ball Characteristics (CBC Pkg.)(1) BALL BALL BUFFER PULLUP BALL BALL TOP PIN NAME RESET REL. MODE [4] TYPE [5] RESET RESET REL. POWER [9] HYS [10] STRENG TH /DOWN IO CELL [13] BOTTOM [1] [2] [3] MODE [8] STATE [6] STATE [7] (mA) [11] TYPE [12] AE16 NA cam_d0 0 I L L 7 vdds Yes 4 PU100/ LVCMOS PD100 gpio_99 4 I safe_mode 7 - AE15 NA cam_d1 0 I L L 7 vdds Yes 4 PU100/ LVCMOS PD100 gpio_100 4 I safe_mode 7 - AD17 NA gpio_112 4 I L L 7 vdds Yes 4 PU100/ LVCMOS PD100 safe_mode 7 - AE18 NA gpio_114 4 I L L 7 vdds Yes 4 PU100/ LVCMOS PD100 safe_mode 7 - AD16 NA gpio_113 4 I L L 7 vdds Yes 4 PU100/ LVCMOS PD100 safe_mode 7 - AE17 NA gpio_115 4 I L L 7 vdds Yes 4 PU100/ LVCMOS PD100 safe_mode 7 - NA G20 sdrc_a0 0 O 0 0 0 vdds No 4 (2) NA LVCMOS NA K20 sdrc_a1 0 O 0 0 0 vdds No 4 (2) NA LVCMOS NA J20 sdrc_a2 0 O 0 0 0 vdds No 4 (2) NA LVCMOS NA J21 sdrc_a3 0 O 0 0 0 vdds No 4 (2) NA LVCMOS NA U21 sdrc_a4 0 O 0 0 0 vdds No 4 (2) NA LVCMOS NA R20 sdrc_a5 0 O 0 0 0 vdds No 4 (2) NA LVCMOS NA M21 sdrc_a6 0 O 0 0 0 vdds No 4 (2) NA LVCMOS NA M20 sdrc_a7 0 O 0 0 0 vdds No 4 (2) NA LVCMOS NA N20 sdrc_a8 0 O 0 0 0 vdds No 4 (2) NA LVCMOS NA K21 sdrc_a9 0 O 0 0 0 vdds No 4 (2) NA LVCMOS NA Y16 sdrc_a10 0 O 0 0 0 vdds No 4 (2) NA LVCMOS NA N21 sdrc_a11 0 O 0 0 0 vdds No 4 (2) NA LVCMOS NA R21 sdrc_a12 0 O 0 0 0 vdds No 4 (2) NA LVCMOS NA AA15 sdrc_a13 0 O 0 0 0 vdds No 4 (2) NA LVCMOS NA Y12 sdrc_a14 0 O 0 0 0 vdds No 4 (2) NA LVCMOS NA AA18 sdrc_ba0 0 O 0 0 0 vdds No 4 (2) NA LVCMOS NA V20 sdrc_ba1 0 O 0 0 0 vdds No 4 (2) NA LVCMOS NA Y15 sdrc_cke0 0 O H 1 7 vdds Yes 4 (2) PU100/ LVCMOS PD100 safe_mode 7 NA Y13 sdrc_cke1 0 O H 1 7 vdds Yes 4 (2) PU100/ LVCMOS PD100 safe_mode 7 NA A12 sdrc_clk 0 IO L 0 0 vdds Yes 4 (2) PU100/ LVCMOS PD100 NA D1 sdrc_d0 0 IO L Z 0 vdds Yes 4 (2) PU100/ LVCMOS PD100 NA G1 sdrc_d1 0 IO L Z 0 vdds Yes 4 (2) PU100/ LVCMOS PD100 NA G2 sdrc_d2 0 IO L Z 0 vdds Yes 4 (2) PU100/ LVCMOS PD100 NA E1 sdrc_d3 0 IO L Z 0 vdds Yes 4 (2) PU100/ LVCMOS PD100 NA D2 sdrc_d4 0 IO L Z 0 vdds Yes 4 (2) PU100/ LVCMOS PD100 NA E2 sdrc_d5 0 IO L Z 0 vdds Yes 4 (2) PU100/ LVCMOS PD100 (1) NA in this table stands for Not Applicable. (2) The drive strength is programmable vs the capacity load: load range = [2 pF to 6 pF] per default or [6 pF to 12 pF] according to the selected mode. Copyright © 2008–2013, Texas Instruments Incorporated TERMINAL DESCRIPTION 47 Submit Documentation Feedback Product Folder Links: OMAP3530 OMAP3525 |