| Zakładka z wyszukiwarką danych komponentów |
|
STMPE24M31 Arkusz danych(PDF) 13 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STMPE24M31 Arkusz danych(HTML) 13 Page - STMicroelectronics |
|
13 / 85 page ![]() STMPE16M31, STMPE24M31 I2C interface module Doc ID 16174 Rev 4 13/85 Figure 7. Read and write modes (random and sequential) On e By te Re a d Mo r e t h a n On e By te Re a d On e By te Wr it e M or e th an On e By te Wr it e Ma s t e r Sla ve I2 C Tra n s a c t io n U s ing 7-B it A d d res s ing On e By te Re a d Mo r e t h a n On e By te Re a d On e By te Wr it e Mo r e t h a n On e By te Wr it e Ma s t e r Sla ve I2 C Tra n s a c t io n U s ing 10-B it A d dres s in g Da ta to Wr ite + 1 Da ta to Wr ite + 2 De v A ddr (2 M S B ) De v A ddr (2 M S B ) De v Ad d r (8 LS B ) Reg A ddr Da ta to Wr ite … De v A ddr (2 M S B ) De v Ad d r (8 LS B ) Reg A ddr 1111 0 De v A ddr (2 M S B ) Da ta Re a d De v A ddr Reg Ad d r De v A ddr Da ta Re a d Da ta Read + 1 Da ta Re a d + 2 De v A ddr Reg Ad d r Da ta to be Wr itte n De v A ddr Reg Ad d r De v A ddr Da ta Re a d 111 10 Da ta to Wr ite + 1 Da ta to Wr ite + 2 De v A ddr Reg Ad d r Da ta to Wr ite De v A ddr (2 M S B ) De v Ad d r (8 LS B ) Reg A ddr 111 10 … Da ta Re a d Da ta Read + 1 Da ta Re ad + 2 De v Ad d r (8 LS B ) Reg A ddr 111 10 111 10 Da ta to Wr ite 1111 0 De v A ddr (2 M S B ) Da ta Re a d Obsolete Product(s) - Obsolete Product(s) |