| Zakładka z wyszukiwarką danych komponentów |
|
STMPE321 Arkusz danych(PDF) 28 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STMPE321 Arkusz danych(HTML) 28 Page - STMicroelectronics |
|
28 / 40 page ![]() Capacitive touch module registers STMPE321 28/40 Doc ID 15791 Rev 3 INT_MASK Interrupt mask Address: 0x26 Type: R/W Reset: 0x08 Description: Writing '1' to this register disables the corresponding interrupt source. INT_CLR Interrupt clear Address: 0x27 Type: R/W Reset: 0x00 Description: Writing '1' to this register clears the corresponding interrupt source in INT_PENDING register. 76 543 2 1 0 RESERVED EOC RESERVED [7:4] RESERVED [3] EOC: End of calibration This interrupt occurs on both automatic and forced calibration [2:0] RESERVED 76 543 2 1 0 RESERVED EOC RESERVED [7:4] RESERVED [3] EOC: End of calibration This interrupt occurs on both automatic and forced calibration [2:0] RESERVED |