| Zakładka z wyszukiwarką danych komponentów |
|
STPS30120DJF Arkusz danych(PDF) 5 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STPS30120DJF Arkusz danych(HTML) 5 Page - STMicroelectronics |
|
5 / 7 page ![]() STPS30120DJF Package information Doc ID 15671 Rev 5 5/7 2 Package information ● Epoxy meets UL94,V0 ● Lead-free package In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK® packages, depending on their level of environmental compliance. ECOPACK® specifications, grade definitions and product status are available at: www.st.com. ECOPACK® is an ST trademark. Figure 11. Footprint (dimensions in mm) Table 5. PowerFLAT 5x6 dimensions Ref. Dimensions Millimeters Inches Min. Typ. Max. Min. Typ. Max. A 0.80 1.00 0.031 0.039 A1 0.02 0.05 0.001 0.002 A2 0.25 0.010 b 0.30 0.50 0.012 0.020 D 5.20 0.205 D2 4.11 4.31 0.162 0.170 e 1.27 0.050 E 6.15 0.242 E2 3.50 3.70 0.138 0.146 L 0.50 0.80 0.020 0.031 K 1.275 1.575 0.050 0.062 D2 E2 K L b e D E A A1 A2 1.27 0.62 0.95 0.98 5.35 4.41 |