| Zakładka z wyszukiwarką danych komponentów |
|
STPSC20H12C Arkusz danych(PDF) 6 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STPSC20H12C Arkusz danych(HTML) 6 Page - STMicroelectronics |
|
6 / 10 page ![]() Package information STPSC20H12C 6/10 DocID030344 Rev 1 2 Package information In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK® packages, depending on their level of environmental compliance. ECOPACK® specifications, grade definitions and product status are available at: www.st.com. ECOPACK® is an ST trademark. Epoxy meets UL94, V0 Cooling method: by conduction (C) Recommended torque value: 0.9 to 1.2 N·m |