| Zakładka z wyszukiwarką danych komponentów |
|
STB28N65M2 Arkusz danych(PDF) 5 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STB28N65M2 Arkusz danych(HTML) 5 Page - STMicroelectronics |
|
5 / 22 page ![]() DocID027256 Rev 1 5/22 STB28N65M2, STF28N65M2, STP28N65M2, STW28N65M2 Electrical characteristics 22 Table 8. Source drain diode Symbol Parameter Test conditions Min. Typ. Max. Unit ISD Source-drain current - 20 A ISDM (1) 1. Pulse width limited by safe operating area. Source-drain current (pulsed) - 80 A VSD (2) 2. Pulsed: pulse duration = 300 µs, duty cycle 1.5% Forward on voltage VGS = 0, ISD = 20 A - 1.6 V trr Reverse recovery time ISD = 20 A, di/dt = 100 A/µs VDD = 60 V (see Figure 20) - 384 ns Qrr Reverse recovery charge - 5.7 µC IRRM Reverse recovery current - 30 A trr Reverse recovery time ISD = 20 A, di/dt = 100 A/µs VDD = 60 V, Tj = 150 °C (see Figure 20) - 544 ns Qrr Reverse recovery charge - 8.2 µC IRRM Reverse recovery current - 30.5 A |