Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STI33N65M2 Arkusz danych(PDF) 7 Page - STMicroelectronics

Numer części STI33N65M2
Szczegółowy opis  N-channel 650 V, 0.117 Ω typ., 24 A MDmesh™ M2 Power MOSFETs in D²PAK, TO-220FP, TO-220 and I²PAK packages
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STI33N65M2 Arkusz danych(HTML) 7 Page - STMicroelectronics

Back Button STI33N65M2 Datasheet HTML 3Page - STMicroelectronics STI33N65M2 Datasheet HTML 4Page - STMicroelectronics STI33N65M2 Datasheet HTML 5Page - STMicroelectronics STI33N65M2 Datasheet HTML 6Page - STMicroelectronics STI33N65M2 Datasheet HTML 7Page - STMicroelectronics STI33N65M2 Datasheet HTML 8Page - STMicroelectronics STI33N65M2 Datasheet HTML 9Page - STMicroelectronics STI33N65M2 Datasheet HTML 10Page - STMicroelectronics STI33N65M2 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
DocID027286 Rev 1
7/23
STB33N65M2, STF33N65M2, STP33N65M2, STI33N65M2
Electrical characteristics
23
Figure 8. Gate charge vs gate-source voltage
Figure 9. Static drain-source on-resistance
Figure 10. Capacitance variations
Figure 11. Output capacitance stored energy
Figure 12. Normalized gate threshold voltage vs
temperature
Figure 13. Normalized on-resistance vs
temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23