Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ACS108-8SUN Arkusz danych(PDF) 5 Page - STMicroelectronics

Numer części ACS108-8SUN
Szczegółowy opis  Overvoltage protected AC switch (ACS??
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ACS108-8SUN Arkusz danych(HTML) 5 Page - STMicroelectronics

  ACS108-8SUN Datasheet HTML 1Page - STMicroelectronics ACS108-8SUN Datasheet HTML 2Page - STMicroelectronics ACS108-8SUN Datasheet HTML 3Page - STMicroelectronics ACS108-8SUN Datasheet HTML 4Page - STMicroelectronics ACS108-8SUN Datasheet HTML 5Page - STMicroelectronics ACS108-8SUN Datasheet HTML 6Page - STMicroelectronics ACS108-8SUN Datasheet HTML 7Page - STMicroelectronics ACS108-8SUN Datasheet HTML 8Page - STMicroelectronics ACS108-8SUN Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
DocID022948 Rev 1
5/12
ACS108-8SUN
Characteristics
Figure 12. Relative variation of static dV/dt
immunity versus junction temperature
Figure 13. Relative variation of leakage current
versus junction temperature
0
1
2
3
4
5
6
7
8
9
10
11
12
13
25
50
75
100
125
dV/dt [Tj;VD =VR]/dV/dt [Tj=125°C;VD=VR=536 V]
V
D=VR=536V
V
D=VR=402V
Value above 5 kV
Tj(°C)
1.0E-03
1.0E-02
1.0E-01
1.0E+00
25
50
75
100
125
IDRM/IRRM [Tj;V DRM/VRRM]/IDRM/IRRM [Tj=125°C;800 V]
VDRM=VRRM=800 V
Tj(°C)
Figure 14. Relative variation of critical rate of
decrease of main current (dl/dt)c versus
(dV/dt)c
Figure 15. Thermal resistance junction to
ambient versus copper surface under tab
(dI/dt)
c [(dV/dt) c ] / Specified (dI/dt)c
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0.1
1.0
10.0
100.0
Tj =125 °C
(dV/dt)c (V/µs)
50
60
80
100
120
140
160
180
012
34
5
Rth(j-a) (°C/W)
SMBflat-3L
Printed circuit board FR4
copper thickness = 35 µm
SCU(cm²)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com