| Zakładka z wyszukiwarką danych komponentów |
|
PC87309VLJ Arkusz danych(PDF) 78 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
PC87309VLJ Arkusz danych(HTML) 78 Page - National Semiconductor (TI) |
|
78 / 192 page ![]() The Floppy Disk Controller (FDC) (Logical Device 0) 78 www.national.com 3.8 EXAMPLE OF A FOUR-DRIVE CIRCUIT USING THE PC87309 Figure 3-6 shows one implementation of a four-drive circuit. Refer to TABLE 3-2 on page 39 to see how to encode the drive and motor bits for this configuration. FIGURE 3-6. PC87309 Four Floppy Disk Drive Circuit PC87309 74LS139 7407 (2) Hex Buffers ICC = 40 mA Open Collector DR0 DR1 MTR0 G1 A1 B1 G2 A2 B2 1Y0 1Y1 1Y2 1Y3 2Y0 2Y1 2Y2 2Y3 Decoded Signal for Motor 3 Decoded Signal for Motor 2 Decoded Signal for Motor 1 Decoded Signal for Motor 0 Decoded Signal for Drive 3 Decoded Signal for Drive 2 Decoded Signal for Drive 1 Decoded Signal for Drive 0 |