Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PC87311AVF Arkusz danych(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Numer części PC87311AVF
Szczegółowy opis  PC87311A/PC87312 (SuperI/OTM II/III) Floppy Disk Controller with Dual UARTs, Parallel Port, and IDE Interface
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NSC [National Semiconductor (TI)]
Strona internetowa  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87311AVF Arkusz danych(HTML) 14 Page - National Semiconductor (TI)

Back Button PC87311AVF Datasheet HTML 10Page - National Semiconductor (TI) PC87311AVF Datasheet HTML 11Page - National Semiconductor (TI) PC87311AVF Datasheet HTML 12Page - National Semiconductor (TI) PC87311AVF Datasheet HTML 13Page - National Semiconductor (TI) PC87311AVF Datasheet HTML 14Page - National Semiconductor (TI) PC87311AVF Datasheet HTML 15Page - National Semiconductor (TI) PC87311AVF Datasheet HTML 16Page - National Semiconductor (TI) PC87311AVF Datasheet HTML 17Page - National Semiconductor (TI) PC87311AVF Datasheet HTML 18Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 78 page
background image
20 Configuration Registers (Continued)
TABLE 2-1 Default Configurations Controlled by Hardware
(Continued)
Configuration Pins (CFGn)
(Hex)
Data
Activated Functions
43210
11010
FAR e 11
SEC COM1 COM2 LPT1
11011
FAR e 39
PRI COM3 COM4 LPT1
11100
FAR e 24
PRI COM2 COM3 LPT2
11101
FAR e 38
SEC COM3 COM4 LPT2
11110
FER e 08
FDC
PTR e 00
Power Down Clocks Option
FAR e 10 80
PRI
11111
FER e 00
None
PTR e 02 82
Power Down XTAL and Clocks
FAR e 10
NA
Table 2-1 is organized in the following way The logic values
of the 5 external Configuration Pins are associated with the
resulting Configuration Register Data and the activated
functions The activated functions are grouped into 7 cate-
gories based on the data in the FER In some cases the
data in the FER is given as one of two options This is be-
cause the primary or secondary IDE address is chosen via
the FER
The PTR has one value associated with the active functions
in the FER This value allows the power down of all clocks
when the PWDN pin goes active In the last case where no
functions are active after reset activating the PWDN pin will
also stop the crystal
Most of the variability available is through the FAR Ad-
dresses controlled by the FAR are coded in the following
way
PRI
is the PRImary floppy or IDE address (ie 3F0 – 7h
or 1F0 – 7 3F6 7h)
SEC
is the SECondary IDE address (170 – 7 376 7h)
COM1 is the UART address at 3F8 – Fh
COM2 is the UART address at 2F8 – Fh
COM3 is the UART address at 3E8 – Fh
COM4 is the UART address at 2E8 – Fh
LPT1
is the parallel port (
ll PORT ) address at 3BC–3BEh
LPT2
is the
ll PORT address at 378–37Fh
The chosen addresses are given under active functions and
are in the same order as the active functions they are asso-
ciated with In other words if the active functions are given
as FDC IDE UART1 UART2
ll PORT and the addresses
are given as PRI PRI COM1 COM2 LPT2 then the func-
tions and the addresses are associated as follows FDC e
PRI IDE e PRI UART1 e COM1 UART2 e COM2
ll PORT e LPT2
24 INDEX AND DATA REGISTERS
One more general aspect of the Configuration Registers is
that the Index and the Data Register pair can be relocated
to any one of two locations This is controlled through a
hardware strapping option on one pin (BADDR0) and it al-
lows the registers to avoid conflicts with other adapters in
the IO address space Table 2-2 shows the address op-
tions
TABLE 2-2 Index and Data
Register Optional Locations
BADDR0
Index Addr
Data Addr
0
398h
399h
1
26Eh
26Fh
25 BASE CONFIGURATION REGISTERS
251 Function Enable Register (FER Index 0)
This register enables and disables all major chip functions
Disabled functions have their clocks automatically powered
down but the data in their registers remains intact It also
selects whether the FDC and the IDE controller will be lo-
cated at their primary or secondary address
Bit 0
When this bit is one the parallel port can be accessed
at the address specified in the FAR
Bit 1
When this bit is one UART1 can be accessed at the
address specified in the FAR When this bit is zero
access to UART1 is blocked and it will be in power
down mode The UART1 registers retain all data in
power down mode Caution Any UART1 interrupt
that is enabled and active or becomes active after
UART1 is disabled will assert the associated IRQ pin
when UART1 is disabled If disabling UART1 via soft-
ware clear the IRQ Enable bit (MCR3) to zero before
clearing FER 1 This is not an issue after reset be-
cause MCR3 will be zero until it is written
Bit 2
When this bit is one UART2 can be accessed at the
address specified in the FAR When this bit is zero
access to UART2 is blocked and it will be in power
down mode The UART2 registers retain all data in
power down mode Caution Any UART2 interrupt
that is enabled and active or becomes active after
UART2 is disabled will assert the associated IRQ pin
when UART2 is disabled If disabling UART2 via soft-
ware clear the IRQ Enable bit (MCR3) to zero before
clearing FER2 This is not an issue after reset be-
cause MCR3 will be zero until it is written
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78