Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

L9301 Arkusz danych(PDF) 19 Page - STMicroelectronics

Numer części L9301
Szczegółowy opis  Automotive octal low side driver or quad low side plus quad high side driver
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9301 Arkusz danych(HTML) 19 Page - STMicroelectronics

Back Button L9301 Datasheet HTML 15Page - STMicroelectronics L9301 Datasheet HTML 16Page - STMicroelectronics L9301 Datasheet HTML 17Page - STMicroelectronics L9301 Datasheet HTML 18Page - STMicroelectronics L9301 Datasheet HTML 19Page - STMicroelectronics L9301 Datasheet HTML 20Page - STMicroelectronics L9301 Datasheet HTML 21Page - STMicroelectronics L9301 Datasheet HTML 22Page - STMicroelectronics L9301 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 51 page
background image
DocID028688 Rev 6
19/51
L9301
Configuration 1: 8 low side drivers
50
7.3
Configuration 4: 4 configurable drivers and 8 low-side
drivers
In this configuration there are 4 HS/LS drivers and 8 low side drivers available. All the LS
can be driven by SPI or by the parallel input.
The IN1-8 control OUT1-8 while the configurable driver can only be controlled by SPI.
The four configurable drivers (DRN1-4, SRC1-4) can be configured separately as
LS or HS using the dedicated SPI bit.
Figure 7. Configuration 4: 4 configurable drivers and 8 low-side drivers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51