| Zakładka z wyszukiwarką danych komponentów |
|
STCF05 Arkusz danych(PDF) 8 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STCF05 Arkusz danych(HTML) 8 Page - STMicroelectronics |
|
8 / 33 page ![]() Pin configuration STCF05 8/33 Doc ID 15257 Rev 4 3 Pin configuration Figure 2. Pin connections (top view) 1 2 3 4 5 A VOUT LED LED ATN TRIG B VOUT ADD SDA SCL TMSK C PGND PGND PGND PGND AUXL D VLX VLX PGND VBAT NTC E VLX VLX PGND AGND RX Table 2. Pin description Ball n° Symbol Description E1, D1, D2, E2 VLX Inductor connection E5 RX Rx resistor connection A1, B1 VOUT Output voltage D5 NTC NTC resistor connection C5 AUXL Auxiliary red LED connection B4 SCL I²C clock signal A5 TRIG Flash trigger input E4 AGND Signal ground B2 ADD I²C address selection A2, A3 LED Diode cathode connection A4 ATN Attention (open drain output, active LOW) D4 VBAT Supply voltage B3 SDA I²C data B5 TMSK T-mask C1, C2, C3, C4, D3, E3 PGND Power ground + die back connection |