| Zakładka z wyszukiwarką danych komponentów |
|
STV2050A Arkusz danych(PDF) 39 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STV2050A Arkusz danych(HTML) 39 Page - STMicroelectronics |
|
39 / 83 page ![]() 39/83 STV2050A - VIDEO PATTERN GENERATOR Figure 21. Video Pattern for Horizontal Gain Cursor Note that these controls only modify the video signals. They have no effect on the conver- gence signals. The dedicated controls of the convergence signals are described in Section 9.7 "MANUFACTURING, AFTER-SALES SERVICE, LAB TRIAL MODES" on page 49. 7.5.2 Video Pattern for Vertical Gain Cursor The video pattern for the vertical gain cursor is identical to video pattern for the horizontal gain cursor (displayed at the centre of the visible grid), except for one horizontal line which is added only in the even TV field. Figure 22. Video Pattern for Vertical Gain Cursor Odd Field Even Field Horizontal Grid Line Number 6 Vertical Grid Line Number 8 Vertical Grid Line Number 8 Horizontal Grid Line Number 6 Odd Field Even Field Horizontal Grid Line Number 6 Additional Line Vertical Grid Line Number 8 Vertical Grid Line Number 8 Horizontal Grid Line Number 6 |