Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TLV9062 Arkusz danych(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Numer części TLV9062
Szczegółowy opis  10-MHz, RRIO, CMOS Operational Amplifier for Cost-Sensitive Systems
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

TLV9062 Arkusz danych(HTML) 8 Page - Texas Instruments

Back Button TLV9062 Datasheet HTML 4Page - Texas Instruments TLV9062 Datasheet HTML 5Page - Texas Instruments TLV9062 Datasheet HTML 6Page - Texas Instruments TLV9062 Datasheet HTML 7Page - Texas Instruments TLV9062 Datasheet HTML 8Page - Texas Instruments TLV9062 Datasheet HTML 9Page - Texas Instruments TLV9062 Datasheet HTML 10Page - Texas Instruments TLV9062 Datasheet HTML 11Page - Texas Instruments TLV9062 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
8
TLV9061, TLV9062, TLV9064
SBOS839 – MARCH 2017
www.ti.com
Product Folder Links: TLV9061 TLV9062 TLV9064
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
(1)
Third-order filter; bandwidth = 80 kHz at –3 dB.
7.5 Electrical Characteristics: VS (Total Supply Voltage) = (V+) – (V–) = 1.8 V to 5.5 V
at TA = 25°C, RL = 10 kΩ connected to VS / 2, VCM = VS / 2, and VOUT = VS / 2 (unless otherwise noted);
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OFFSET VOLTAGE
VOS
Input offset voltage
VS = 5 V
±0.3
±2
mV
VS = 5 V, TA = –40°C to +125°C
±3.5
dVOS/dT
Drift
VS = 5 V, TA = –40°C to +125°C
±2
µV/°C
PSRR
Power-supply rejection ratio
VS = 1.8 V – 5.5 V, VCM = (V–)
±15
±100
µV/V
INPUT VOLTAGE RANGE
VCM
Common-mode voltage range
VS = 1.8 V to 5.5 V
(V–) – 0.1
(V+) + 0.1
V
CMRR
Common-mode rejection ratio
VS = 5.5 V, (V–) – 0.1 V < VCM < (V+) – 1.4 V,
TA = –40°C to +125°C
114
dB
VS = 5.5 V, VCM = –0.1 V to 5.6 V,
TA = –40°C to +125°C
57
77
VS = 1.8 V, (V–) – 0.1 V < VCM < (V+) – 1.4 V,
TA = –40°C to +125°C
106
VS = 1.8 V, VCM = –0.1 V to 1.9 V,
TA = –40°C to +125°C
67
INPUT BIAS CURRENT
IB
Input bias current
±20
pA
IOS
Input offset current
±5
pA
NOISE
En
Input voltage noise (peak-to-peak)
VS = 5 V, f = 0.1 Hz to 10 Hz
6
µVPP
en
Input voltage noise density
VS = 5 V, f = 10 kHz
11
nV/
√Hz
VS = 5 V, f = 1 kHz
16
nV/
√Hz
INPUT CAPACITANCE
CID
Differential
2
pF
CIC
Common-mode
4
pF
OPEN-LOOP GAIN
AOL
Open-loop voltage gain
VS = 1.8 V, (V–) + 0.04 V < VO < (V+) – 0.04 V,
RL = 10 kΩ
100
dB
VS = 5.5 V, (V–) + 0.05 V < VO < (V+) – 0.05 V,
RL = 10 kΩ
104
120
VS = 1.8 V, (V–) + 0.06 V < VO < (V+) – 0.06 V,
RL = 2 kΩ
100
VS = 5.5 V, (V–) + 0.15 V < VO < (V+) – 0.15 V,
RL = 2 kΩ
120
FREQUENCY RESPONSE
GBP
Gain bandwidth product
VS = 5 V, G = +1
10
MHz
φm
Phase margin
VS = 5 V, G = +1
55
Degrees
SR
Slew rate
VS = 5 V, G = +1
5
V/μs
tOR
Overload recovery time
VS = 5 V, VIN × gain = VS
0.3
μs
THD + N
Total harmonic distortion + noise(1)
VS = 5 V, VO = 1 VRMS, G = +1, f = 1 kHz
0.0007%
OUTPUT
VO
Voltage output swing from supply
rails
VS = 5.5 V, RL = 10 kΩ,
20
mV
VS = 5.5 V, RL = 2 kΩ,
60
ISC
Short-circuit current
VS = 5 V
±50
mA
ZO
Open-loop output impedance
VS = 5 V, f = 10 MHz
100
Ω
POWER SUPPLY
IQ
Quiescent current per amplifier
VS = 5.5 V, IO = 0 mA,
575
750
µA
VS = 5.5 V, IO = 0 mA, TA = –40°C to 125°C
800



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com