| Zakładka z wyszukiwarką danych komponentów |
|
L9659 Arkusz danych(PDF) 32 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9659 Arkusz danych(HTML) 32 Page - STMicroelectronics |
|
32 / 51 page ![]() Functional description L9659 32/51 Doc ID 022048 Rev 2 3.4.5.1 Squib SPI commands The following are the modes that are supported by the squib L9659 using SPI. ● Configuration mode ● Deployment mode ● Diagnostic mode ● Monitor mode The table below is a summary of the modes and the functions that are achieved be sending the particular MOSI command. The following sections will provide a full description of bit settings for each mode. All commands and responses use D13 to achieve odd parity. The squib circuits can be reset over when sending the appropriate configuration commands via SPI. Table 15. Command description summary Command/mode Description Mode bits D15 D14 D13 D12 D11 D10 D09 D08 D07 - D00 Configuration commands Config. Mode 1 Current limit programming and software reset 0 0 P - - 0 - - - Config. Mode 2 FEN latch time Programming 0 0 P - - 1 - - - Deployment commands Deployment Mode 1 Arming Command 0 1 P 11001 - Deployment Mode 2 Firing Command 0 1 P 00000 - Diagnostic commands Diagnostic Mode 1 Disable Diagnostic 1 0 P - 0 0 0 - - Diagnostic Mode 2 Short to battery & ground diagnostics Short between loop diagnostics 10 P - 001 - - Diagnostic Mode 3 VRESx voltage diagnostics 1 0 P - 0 1 0 - - Diagnostic Mode 4 High Side Safing diagnostics 1 0 P - 0 1 1 - - Diagnostic Mode 5 Squib Resistance Diagnostics 1 0 P - 1 0 0 - - Diagnostic Mode 6 High Squib Resistance Diagnostics 1 0 P - 1 0 1 - - Diagnostic Mode 7 LS driver diagnostics 1 0 P - 1 1 0 - - Diagnostic Mode 8 HS driver diagnostics 1 0 P - 1 1 1 - - Monitor commands Monitor Mode 1 Deployment status 1 1 P - 0 0 - - - Monitor Mode 2 Channel current limit measurement information 11 P - 0 1 - - - Monitor Mode 3 FENx function status and active current limit status 11 P - 1 0 - - - Monitor Mode 4 Revision and L9659 ID 1 1 P - 1 1 - - - P = Parity bit – all commands and responses will use this bit to achieve odd parity |