| Zakładka z wyszukiwarką danych komponentów |
|
STL13N65M2 Arkusz danych(PDF) 13 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STL13N65M2 Arkusz danych(HTML) 13 Page - STMicroelectronics |
|
13 / 16 page ![]() DocID027319 Rev 1 13/16 STL13N65M2 Packaging mechanical data 16 5 Packaging mechanical data Figure 22. PowerFLAT™ 5x6 tape(a) Figure 23. PowerFLAT™ 5x6 package orientation in carrier tape. a. All dimensions are in millimeters. Measured from centerline of sprocket hole to centerline of pocket. Cumulative tolerance of 10 sprocket holes is ± 0.20 . Measured from centerline of sprocket hole to centerline of pocket. (I) (II) (III) 2 2.0±0.1 (I) Ko (1.20±0.1) ±0.05) Ø1.5 MIN. Ø1.55±0.05 P Ao(6.30±0.1) 1.75±0.1 4.0±0.1 (II) P 0 Y Y SECTION Y-Y C L P1(8.00±0.1) Do D1 E1 (0.30 T REF .R0.50 Base and bulk quantity 3000 pcs 8234350_Tape_rev_C Pin 1 identification |