| Zakładka z wyszukiwarką danych komponentów |
|
STNRGPF01 Arkusz danych(PDF) 28 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STNRGPF01 Arkusz danych(HTML) 28 Page - STMicroelectronics |
|
28 / 40 page ![]() Electrical characteristics STNRGPF01 28/40 DocID030377 Rev 2 5.3.5 I/O port pin characteristics Subject to general operating conditions for VDD and TA unless otherwise specified. Unused input pins should not be left floating. Table 11. Voltage DC characteristics Symbol Description Min.(1) 1. Data based on characterization result, not tested in production. Typ. Max.(1) Unit VIL Input low voltage -0.3 - 0.3 x VDD V VIH Input high voltage(2) 2. Input signals can't be exceeded VDDX (VDDX = VDD, VDDA). 0.7 x VDD -VDD VOL1 Output low voltage at 5 V(3), (4) 3. The parameter applicable to signals on pins 14, 15, 20, 21, 22 and 23. 4. The parameter applicable to signals on pins 1, 4, 5, 8 16 and 19. -- 0.5 VOL3 Output low voltage high sink at 5 V(2), (5) 5. The parameter applicable to the signal on pin 2. -- 0.6 VOH1 Output high voltage at 5 V(3), (4) VDD - 0.5 - - VOH3 Output high voltage high sink at 5 V(2), (5) VDD - 0.6 - - HVS Hysteresis input voltage(6) 6. Applicable to pins 3, 6, 7, 17 and 18. 0.1 x VDD -- RPU Pull-up resistor 30 45 60 k Table 12. Current DC characteristics Symbol Description Min. Typ. Max.(1) 1. Data based on characterization result, not tested in production. Unit IOL1 Standard output low level current at 5 V and VOL1(2), (3) 2. The parameter applicable to signals on pins 14, 15, 20, 21, 22 and 23. 3. The parameter applicable to signals on pins1, 4, 5, 8 16 and 19. -- 3 mA IOLhs1 High sink output low level current at 5 V and VOL3(2), (4) 4. The parameter applicable to the signal on pin 2. - - 7.75 IOH1 Standard output high level current at 5 V and VOH1(2), (3) -- 3 IOHhs1 High sink output high level current at 5 V and VOH3(2), (4) - - 7.75 ILKg Input leakage current digital - analog VSS ≤ VIN ≤ VDD(5) 5. Applicable to pins 3, 6, 7, 17 and 18. -- ± 1 µA I_Inj Injection current(6), (7) 6. Maximum value must never be exceeded. 7. Negative injection current on pins 31, 32, 33 and 34 must be avoided. It has impact on the measurement section. -- ± 4 mA I_Inj Total injection current sum of all I/O and control pins)(6) -- ± 20 |