| Zakładka z wyszukiwarką danych komponentów |
|
STPS40SM80C Arkusz danych(PDF) 5 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STPS40SM80C Arkusz danych(HTML) 5 Page - STMicroelectronics |
|
5 / 11 page ![]() STPS40SM80C Characteristics Doc ID 018719 Rev 1 5/11 Figure 14. Thermal resistance junction to ambient versus copper surface under tab for D2PAK Figure 12. Forward voltage drop versus forward current (per diode) Figure 13. Reverse safe operating area (tp < 1 µs and Tj < 150 °C) 0 5 10 15 20 25 30 35 40 0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 (Typical values) T = 125 °C j (Maximum values) T = 125 °C j (Maximum values) T = 25 °C j I (A) FM V (V) FM 19.0 20.0 21.0 22.0 23.0 24.0 25.0 26.0 27.0 28.0 29.0 100 105 110 115 120 125 130 135 140 145 150 V (V) arm I (A) arm I (V ) 150 °C, 1µs arm arm 0 10 20 30 40 50 60 70 80 0 5 10 15 20 25 30 35 40 DPAK 2 R (°C/W) th(j-a) S (cm ) Cu 2 epoxy printed board copper thickness = 35 µm |