| Zakładka z wyszukiwarką danych komponentów |
|
TMS320DM814X Arkusz danych(PDF) 29 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMS320DM814X Arkusz danych(HTML) 29 Page - Texas Instruments |
|
29 / 377 page ![]() TMS320DM8148, TMS320DM8147 www.ti.com SPRS647E – MARCH 2011 – REVISED DECEMBER 2013 2.12.4 L4 Memory Map The L4 Fast Peripheral Domain, L4 Slow Peripheral Domain regions of the memory maps above are broken out into Table 2-6 and Table 2-7. For more details on the interconnect topology and connectivity across the L3 and L4 interconnects, see Table 7-17, System Interconnect. 2.12.4.1 L4 Fast Peripheral Memory Map Table 2-6. L4 Fast Peripheral Memory Map Cortex-A8 and L3 Masters C674x DSP START START SIZE DEVICE NAME END ADDRESS END ADDRESS ADDRESS ADDRESS (HEX) (HEX) (HEX) (HEX) 0x4A00_0000 0x4A00_07FF 0x0A00_0000 0x0A00_07FF 2KB L4 Fast Configuration - Address/Protection (AP) 0x4A00_0800 0x4A00_0FFF 0x0A00_0800 0x0A00_0FFF 2KB L4 Fast Configuration - Link Agent (LA) 0x4A00_1000 0x4A00_13FF 0x0A00_1000 0x0A00_13FF 1KB L4 Fast Configuration - Initiator Port (IP0) 0x4A00_1400 0x4A00_17FF 0x0A00_1400 0x0A00_17FF 1KB L4 Fast Configuration - Initiator Port (IP1) 0x4A00_1800 0x4A00_1FFF 0x0A00_1800 0x0A00_1FFF 2KB Reserved 0x4A00_2000 0x4A07_FFFF 0x0A00_2000 0x0A07_FFFF 504KB Reserved 0x4A08_0000 0x4A0F_FFFF 0x0A08_0000 0x0A0F_FFFF 512KB Reserved 0x4A10_0000 0x4A10_7FFF 0x0A10_0000 0x0A10_7FFF 32KB EMAC SW Peripheral Registers 0x4A10_8000 0x4A10_8FFF 0x0A10_8000 0x0A10_8FFF 4KB EMAC SW Support Registers 0x4A14_0000 0x4A14_FFFF 64KB SATA Peripheral Registers 0x4A15_0000 0x4A15_0FFF 4KB SATA Support Registers 0x4A15_1000 0x4A17_FFFF 0x0A15_1000 0x0A17_FFFF 188KB Reserved 0x4A18_0000 0x4A1A_1FFF 0x0A18_0000 0x0A1A_1FFF 136KB Reserved 0x4A1A_2000 0x4A1A_3FFF 0x0A1A_2000 0x0A1A_3FFF 8KB McASP3 Configuration Peripheral Registers 0x4A1A_4000 0x4A1A_4FFF 0x0A1A_4000 0x0A1A_4FFF 4KB McASP3 Configuration Support Registers 0x4A1A_5000 0x4A1A_5FFF 0x0A1A_5000 0x0A1A_5FFF 4KB McASP3 Data Peripheral Registers 0x4A1A_6000 0x4A1A_6FFF 0x0A1A_6000 0x0A1A_6FFF 4KB McASP3 Data Support Registers 0x4A1A_7000 0x4A1A_7FFF 0x0A1A_7000 0x0A1A_7FFF 4KB Reserved 0x4A1A_8000 0x4A1A_9FFF 0x0A1A_8000 0x0A1A_9FFF 8KB McASP4 Configuration Peripheral Registers 0x4A1A_A000 0x4A1A_AFFF 0x0A1A_A000 0x0A1A_AFFF 4KB McASP4 Configuration Support Registers 0x4A1A_B000 0x4A1A_BFFF 0x0A1A_B000 0x0A1A_BFFF 4KB McASP4 Data Peripheral Registers 0x4A1A_C000 0x4A1A_CFFF 0x0A1A_C000 0x0A1A_CFFF 4KB McASP4 Data Support Registers 0x4A1A_D000 0x4A1A_DFFF 0x0A1A_D000 0x0A1A_DFFF 4KB Reserved 0x4A1A_E000 0x4A1A_FFFF 0x0A1A_E000 0x0A1A_FFFF 8KB McASP5 Configuration Peripheral Registers 0x4A1B_0000 0x4A1B_0FFF 0x0A1B_0000 0x0A1B_0FFF 4KB McASP5 Configuration Support Registers 0x4A1B_1000 0x4A1B_1FFF 0x0A1B_1000 0x0A1B_1FFF 4KB McASP5 Data Peripheral Registers 0x4A1B_2000 0x4A1B_2FFF 0x0A1B_2000 0x0A1B_2FFF 4KB McASP5 Data Support Registers 0x4A1B_3000 0x4A1B_5FFF 0x0A1B_3000 0x0A1B_5FFF 12KB Reserved 0x4A1B_6000 0x4A1B_6FFF 0x0A1B_6000 0x0A1B_6FFF 4KB Reserved 0x4A1B_4000 0x4AFF_FFFF 0x0A1B_4000 0x0AFF_FFFF 14632KB Reserved Copyright © 2011–2013, Texas Instruments Incorporated Device Overview 29 Submit Documentation Feedback Product Folder Links: TMS320DM8148 TMS320DM8147 |