Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STR2N2VH5 Arkusz danych(PDF) 5 Page - STMicroelectronics

Numer części STR2N2VH5
Szczegółowy opis  Low gate drive power loss
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STR2N2VH5 Arkusz danych(HTML) 5 Page - STMicroelectronics

  STR2N2VH5 Datasheet HTML 1Page - STMicroelectronics STR2N2VH5 Datasheet HTML 2Page - STMicroelectronics STR2N2VH5 Datasheet HTML 3Page - STMicroelectronics STR2N2VH5 Datasheet HTML 4Page - STMicroelectronics STR2N2VH5 Datasheet HTML 5Page - STMicroelectronics STR2N2VH5 Datasheet HTML 6Page - STMicroelectronics STR2N2VH5 Datasheet HTML 7Page - STMicroelectronics STR2N2VH5 Datasheet HTML 8Page - STMicroelectronics STR2N2VH5 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
DocID023799 Rev 4
5/13
STR2N2VH5
Electrical characteristics
13
Table 7. Source drain diode
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ISD
Source-drain current
-
2.3
A
ISDM
(1)
1.
Pulse width limited by safe operating area.
Source-drain current (pulsed)
-
9.2
A
VSD
(2)
2.
Pulsed: pulse duration = 300 µs, duty cycle 1.5%
Forward on voltage
VGS = 0, ISD = 2 A
-
1.1
V
trr
Reverse recovery time
ISD = 2 A, di/dt = 100 A/µs
VDD = 16 V, Tj = 150 °C
(see Figure 18)
-10
ns
Qrr
Reverse recovery charge
-
24
nC
IRRM
Reverse recovery current
-
4.8
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13