| Zakładka z wyszukiwarką danych komponentów |
|
TL431BQLPR Arkusz danych(PDF) 41 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TL431BQLPR Arkusz danych(HTML) 41 Page - Texas Instruments |
|
41 / 77 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 15-Apr-2017 Addendum-Page 11 Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead/Ball Finish (6) MSL Peak Temp (3) Op Temp (°C) Device Marking (4/5) Samples TL431IDE4 ACTIVE SOIC D 8 75 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 85 TL431I TL431IDG4 ACTIVE SOIC D 8 75 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 85 TL431I TL431IDR ACTIVE SOIC D 8 2500 Green (RoHS & no Sb/Br) CU NIPDAU | CU SN Level-1-260C-UNLIM -40 to 85 TL431I TL431IDRE4 ACTIVE SOIC D 8 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 85 TL431I TL431IDRG4 ACTIVE SOIC D 8 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 85 TL431I TL431ILP ACTIVE TO-92 LP 3 1000 Pb-Free (RoHS) CU SN N / A for Pkg Type -40 to 85 TL431I TL431ILPE3 ACTIVE TO-92 LP 3 1000 Pb-Free (RoHS) CU SN N / A for Pkg Type -40 to 85 TL431I TL431ILPR ACTIVE TO-92 LP 3 2000 Pb-Free (RoHS) CU SN N / A for Pkg Type -40 to 85 TL431I TL431ILPRE3 ACTIVE TO-92 LP 3 2000 Pb-Free (RoHS) CU SN N / A for Pkg Type -40 to 85 TL431I TL431IP ACTIVE PDIP P 8 50 Pb-Free (RoHS) CU NIPDAU N / A for Pkg Type -40 to 85 TL431IP TL431IPE4 ACTIVE PDIP P 8 50 Pb-Free (RoHS) CU NIPDAU N / A for Pkg Type -40 to 85 TL431IP TL431IPK ACTIVE SOT-89 PK 3 1000 Green (RoHS & no Sb/Br) CU SN Level-2-260C-1 YEAR -40 to 85 3I TL431IPKG3 ACTIVE SOT-89 PK 3 1000 Green (RoHS & no Sb/Br) CU SN Level-2-260C-1 YEAR -40 to 85 3I TL431QD ACTIVE SOIC D 8 75 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 125 T431Q TL431QDBVR ACTIVE SOT-23 DBV 5 3000 Green (RoHS & no Sb/Br) CU NIPDAU | CU SN Level-1-260C-UNLIM -40 to 125 (T3QG ~ T3QU) TL431QDBVRG4 ACTIVE SOT-23 DBV 5 3000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 125 T3QG TL431QDBVT ACTIVE SOT-23 DBV 5 250 Green (RoHS & no Sb/Br) CU NIPDAU | CU SN Level-1-260C-UNLIM -40 to 125 (T3QG ~ T3QU) TL431QDBZR ACTIVE SOT-23 DBZ 3 3000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM -40 to 125 (T3Q3 ~ T3QS ~ T3QU) |