| Zakładka z wyszukiwarką danych komponentów |
|
TYN625RG Arkusz danych(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TYN625RG Arkusz danych(HTML) 1 Page - STMicroelectronics |
|
1 / 11 page ![]() This is information on a product in full production. August 2014 DocID7478 Rev 9 1/11 TN2540, TXN625, TYN625, TYN825, TYN1225 Standard 25 A SCRs Datasheet - production data Features • On-state rms current, IT(RMS) 25 A • Repetitive peak off-state voltage, VDRM/VRRM 600 to 1200 V • Triggering gate current, IGT 40 mA • Insulated package TO-220AB ins – Insulating voltage 2500 V rms – UL1557 certified (file ref. E81734) Description These standard 25 A SCRs are suitable for general purpose applications. Using clip assembly technology, they provide a superior performance in surge current capabilities. TXN625RG is packaged in TO-220AB ins. A K G D²PAK TO-220AB TO-220AB Insulated A A A A A K K K G G G G Table 1. Device summary Order code Voltage VDRM/VRRM Sensitivity IGT Package 600 V 800 V 1200 V TN2540-600G-TR Y 40 mA D2PAK TN2540-800G-TR Y 40 mA D2PAK TXN625RG Y 40 mA TO-220AB ins TYN625RG Y 40 mA TO-220AB TYN825RG Y 40 mA TO-220AB TYN1225RG Y 40 mA TO-220AB www.st.com |
Podobny numer części - TYN625RG |
|
Podobny opis - TYN625RG |