| Zakładka z wyszukiwarką danych komponentów |
|
AST1S31HF Arkusz danych(PDF) 17 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AST1S31HF Arkusz danych(HTML) 17 Page - STMicroelectronics |
|
17 / 33 page ![]() DocID026968 Rev 2 17/33 AST1S31HF Functional description 33 It’s also possible define the output voltage in function of input voltage, on phase time and switching frequency: Equation 19 So the on phase the equation results: Equation 20 Off phase: Equation 21 It is possible to repeat the considerations realized to the on phase equation. So it's possible to write the off phase equation in the following manner: Equation 22 The peak current escalates over the peak current threshold (called “OCP1”) if : Equation 23 In case the current escalates up to a further current threshold (called “OCP2”), slightly higher than OCP1, the converter stops the switching activity, the reference of the error amplifier is pulled down and then it restarts with a new soft-start procedure. If the overcurrent condition is still active, the current foldback with frequency reduction properly limit the output current. VOUTSet VIN DMIN VIN TOnMin TSW ------------------- == I TON VFB VIN VFB VIN TONMin 0.8 TSW ----------------------------------- – DCRL RDS ON HighSide + I – L ---------------------------------------------------------------------------------------------------------------------------------------------------------- TONMin = I TOFF RDS ON LowSide DCRL + IV OUT – – L ------------------------------------------------------------------------------------------------------- TSW = I TOFF VFB RDS ON LowSide DCRL + IV FB VIN TONMin 0.8 TSW ----------------------------------- – – L -------------------------------------------------------------------------------------------------------------------------------------------- TSW = I TON VFB I TOFF VFB |