| Zakładka z wyszukiwarką danych komponentów |
|
KFXX Arkusz danych(PDF) 5 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
KFXX Arkusz danych(HTML) 5 Page - STMicroelectronics |
|
5 / 21 page ![]() DocID4337 Rev 13 5/21 KFXX Maximum ratings 21 3 Maximum ratings Note: Absolute maximum ratings are those values beyond which damage to the device may occur. Functional operation under these condition is not implied. Table 2. Absolute maximum ratings Symbol Parameter Value Unit VI DC input voltage - 0.5 to 20 V IO Output current Internally Limited PTOT Power dissipation Internally Limited TSTG Storage temperature range - 40 to 150 °C TOP Operating junction temperature range - 40 to 125 °C Table 3. Thermal data Symbol Parameter DPAK SO-8 Unit RthJC Thermal resistance junction-case 8 20 °C/W RthJA Thermal resistance junction-ambient 100 55 °C/W Figure 3. Test circuit |