| Zakładka z wyszukiwarką danych komponentów |
|
VIPER53SP13TR Arkusz danych(PDF) 10 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
VIPER53SP13TR Arkusz danych(HTML) 10 Page - STMicroelectronics |
|
10 / 24 page ![]() VIPer53DIP / VIPer53SP 10/24 Figure 10: Error Amplifier Transfer Function Figure 11: Blanking Time 15V VDD OSC DRAIN SOURCE COMP TOVL R 2.5 V Vin Vout -60 -40 -20 0 20 40 60 Gain (dB) Frequency (Hz) Open R = 10 k Ω R = 2.2 k Ω R = 470 Ω 1 10 100 1k 10k 100k 1M 10M This configuration is for test purpose only. In order to insure a correct stability of the error amplifier, a capacitor of 10nF (minimum value: 8nF) should be always connected between COMP pin and ground. See figures 14, 15 and 18. VCOMP tb tb1 tb2 VCOMPbl VCOMPhi |