| Zakładka z wyszukiwarką danych komponentów |
|
LDK130 Arkusz danych(PDF) 8 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
LDK130 Arkusz danych(HTML) 8 Page - STMicroelectronics |
|
8 / 27 page ![]() Maximum ratings LDK130 8/27 DocID024210 Rev 3 4 Maximum ratings Note: Absolute maximum ratings are those values beyond which damage to the device may occur. Functional operation under these conditions is not implied. All values are referred to GND. Table 2. Absolute maximum ratings Symbol Parameter Value Unit VIN DC input voltage - 0.3 to 7 V VOUT DC output voltage - 0.3 to VI + 0.3 V VEN Enable input voltage - 0.3 to VI + 0.3 V VBYP/ADJ ADJ/Bypass pin voltage 2 V IOUT Output current Internally limited mA PD Power dissipation Internally limited mW TSTG Storage temperature range - 65 to 150 °C TOP Operating junction temperature range - 40 to 125 °C Table 3. Thermal data Symbol Parameter SOT23-5L SOT323-5L DFN-6L Unit RthJA Thermal resistance junction-ambient 160 246 237 °C/W RthJC Thermal resistance junction-case 68 134 104 °C/W |