Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LEXX Arkusz danych(PDF) 20 Page - STMicroelectronics

Numer części LEXX
Szczegółowy opis  Very low-dropout voltage regulator with inhibit function
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LEXX Arkusz danych(HTML) 20 Page - STMicroelectronics

Back Button LEXX Datasheet HTML 16Page - STMicroelectronics LEXX Datasheet HTML 17Page - STMicroelectronics LEXX Datasheet HTML 18Page - STMicroelectronics LEXX Datasheet HTML 19Page - STMicroelectronics LEXX Datasheet HTML 20Page - STMicroelectronics LEXX Datasheet HTML 21Page - STMicroelectronics LEXX Datasheet HTML 22Page - STMicroelectronics LEXX Datasheet HTML 23Page - STMicroelectronics LEXX Datasheet HTML 24Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
Package information
LEXX
20/24
DocID2573 Rev 15
Table 13: TO-92 tape and reel mechanical data
Dim.
mm
Min.
Typ.
Max.
A1
4.80
T
3.80
T1
1.60
T2
2.30
d
0.45
0.47
0.48
P0
12.50
12.70
12.90
P2
5.65
6.35
7.05
F1, F2
2.40
2.50
2.94
F3
4.98
5.08
5.48
delta H
-2.00
2.00
W
17.50
18.00
19.00
W0
5.5
6.00
6.5
W1
8.50
9.00
9.25
W2
0.50
H
18.50
21
H3
0.5
1
2
H0
15.50
16.00
18.8
H1
25.0
27.0
D0
3.80
4.00
4.20
t
0.90
L
11.00
I1
3.00
delta P
-1.00
1.00
Ø1
352
355
358
Ø2
28
30
32
u
44
47
50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24