Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

UM0240 Arkusz danych(PDF) 7 Page - STMicroelectronics

Numer części UM0240
Szczegółowy opis  ST Industrial Communication Board - EVALCOMMBOARD
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0240 Arkusz danych(HTML) 7 Page - STMicroelectronics

Back Button UM0240 Datasheet HTML 3Page - STMicroelectronics UM0240 Datasheet HTML 4Page - STMicroelectronics UM0240 Datasheet HTML 5Page - STMicroelectronics UM0240 Datasheet HTML 6Page - STMicroelectronics UM0240 Datasheet HTML 7Page - STMicroelectronics UM0240 Datasheet HTML 8Page - STMicroelectronics UM0240 Datasheet HTML 9Page - STMicroelectronics UM0240 Datasheet HTML 10Page - STMicroelectronics UM0240 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 39 page
background image
UM0240
Power supply
7/39
2
Power supply
Board components require the following voltage supplies.
These supplies are all derived from an input power supply that can be taken from four
different sources:
1.
PLM 10V: connected to the 10V line of the PLM connector
2.
5V Motor: connected to the 5V line of the Motor connector
3.
Phone Jack: external connector, compatible with common notebook power supply
connectors, bringing power supply in the 5V÷ 35V range
4.
USB 5V: connected to the 5V line of the USB supply
This enhanced flexibility of source and source voltage selection coexists due to diodes D7,
D8, D10 and D12, which prevent the reverse current flowing in the supply inputs, keeping
different sources independent.
The higher voltage input will be the dominant supply.
LED D11 is turned on when the power supply is active.
Table 1.
Voltages present on board
Function
Supply
Converter
Device
Input Range
Output Value
Main Power
Supply
VDD
Switching
Converter
(Buck)
L5973D
5V ÷ 35V
5V
MCU Flash
Programming
VPP
Regulated
Charge Pump
Converter
ST662A (pin VOUT)
Vdd
12V
OpAmp negative
supply
-5V
Non regulated
Charge Pump
ST662A (pin C1-)
Vdd
-5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com