Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74AC16373 Arkusz danych(PDF) 4 Page - STMicroelectronics

Numer części 74AC16373
Szczegółowy opis  IMPROVED LATCH-UP IMMUNITY
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74AC16373 Arkusz danych(HTML) 4 Page - STMicroelectronics

  74AC16373 Datasheet HTML 1Page - STMicroelectronics 74AC16373 Datasheet HTML 2Page - STMicroelectronics 74AC16373 Datasheet HTML 3Page - STMicroelectronics 74AC16373 Datasheet HTML 4Page - STMicroelectronics 74AC16373 Datasheet HTML 5Page - STMicroelectronics 74AC16373 Datasheet HTML 6Page - STMicroelectronics 74AC16373 Datasheet HTML 7Page - STMicroelectronics 74AC16373 Datasheet HTML 8Page - STMicroelectronics 74AC16373 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
74AC16373
4/10
DC SPECIFICATIONS
1) Maximum test duration 2ms, one output loaded at time
2) Incident wave switching is guaranteed on transmission lines with impedances as low as 50
Ω
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
TA =25 °C
-40 to 85°C
-55 to 125°C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
VIH
High Level Input
Voltage
3.0
VO = 0.1 V or
VCC-0.1V
2.1
1.5
2.1
2.1
V
4.5
3.15
2.25
3.15
3.15
5.5
3.85
2.75
3.85
3.85
VIL
Low Level Input
Voltage
3.0
VO = 0.1 V or
VCC-0.1V
1.5
0.9
0.9
0.9
V
4.5
2.25
1.35
1.35
1.35
5.5
2.75
1.65
1.65
1.65
VOH
High Level Output
Voltage
3.0
IO=-50 µA
2.9
2.99
2.9
2.9
V
4.5
IO=-50 µA
4.4
4.49
4.4
4.4
5.5
IO=-50 µA
5.4
5.49
5.4
5.4
3.0
IO=-12 mA
2.56
2.46
2.46
4.5
IO=-24 mA
3.86
3.76
3.76
5.5
IO=-24 mA
4.86
4.76
4.76
VOL
Low Level Output
Voltage
3.0
IO=50 µA
0.002
0.1
0.1
0.1
V
4.5
IO=50 µA
0.001
0.1
0.1
0.1
5.5
IO=50 µA
0.001
0.1
0.1
0.1
3.0
IO=12 mA
0.36
0.44
0.44
4.5
IO=24 mA
0.36
0.44
0.44
5.5
IO=24 mA
0.36
0.44
0.44
II
Input Leakage
Current
5.5
VI =VCC or GND
± 0.1
± 1
± 1
µA
IOZ
High Impedance
Output Leakage
Current
5.5
VI =VIH or VIL
VO =VCC or GND
± 0.5
± 5
± 5
µA
ICC
Quiescent Supply
Current
5.5
VI =VCC or GND
880
80
µA
IOLD
Dynamic Output
Current (note 1, 2)
5.5
VOLD = 1.65 V max
75
75
mA
IOHD
VOHD = 3.85 V min
-75
-75
mA



Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com